データシートサーチシステム |
|
CD74HCU04 データシート(PDF) 3 Page - Texas Instruments |
|
CD74HCU04 データシート(HTML) 3 Page - Texas Instruments |
3 / 13 page 3 Absolute Maximum Ratings Thermal Information DC Supply Voltage, VCC Voltages Referenced to Ground . . . . . . . . . . . . . . . . -0.5V to +7V DC Input Diode Current, IIK For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA DC Output Diode Current, IOK For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA DC Drain Current, per Output, IO For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA Operating Conditions Temperature Range TA. . . . . . . . . . . . . . . . . . . . . . . -55 oC to 125oC Supply Voltage Range, VCC . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC Thermal Resistance (Typical, Note 1) θJA (oC/W) E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80 M (SOIC) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86 PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113 Maximum Junction Temperature (Hermetic Package or Die) . . . 175oC Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating, and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. The package thermal impedance is calculated in accordance with JESD 51-7. DC Electrical Specifications PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO +85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN MAX MIN MAX MIN MAX High Level Input Voltage VIH - - 2 1.7 - 1.7 - 1.7 - V 4.5 3.6 - 3.6 - 3.6 - V 6 4.8 - 4.8 - 4.8 - V Low Level Input Voltage VIL - - 2 - 0.3 - 0.3 - 0.3 V 4.5 - 0.8 - 0.8 - 0.8 V 6 - 1.1 - 1.1 - 1.1 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 2 1.8 - 1.8 - 1.8 - V -0.02 4.5 4 - 4 - 4 - V -0.02 6 5.5 - 5.5 - 5.5 - V High Level Output Voltage TTL Loads VCC or GND -4 4.5 3.98 - 3.84 - 3.7 - V -5.2 6 5.48 - 5.34 - 5.2 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 2 - 0.2 - 0.2 - 0.2 V 0.02 4.5 - 0.5 - 0.5 - 0.5 V 0.02 6 - 0.5 - 0.5 - 0.5 V Low Level Output Voltage TTL Loads 4 4.5 - 0.26 - 0.33 - 0.4 V VCC or GND 5.2 6 - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC or GND -6- ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 06 - 2 - 20 - 40 µA CD74HCU04 |
同様の部品番号 - CD74HCU04_08 |
|
同様の説明 - CD74HCU04_08 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |