データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HCU04M データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HCU04M
部品情報  High-Speed CMOS Logic Hex Inverter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD74HCU04M データシート(HTML) 4 Page - Texas Instruments

  CD74HCU04M Datasheet HTML 1Page - Texas Instruments CD74HCU04M Datasheet HTML 2Page - Texas Instruments CD74HCU04M Datasheet HTML 3Page - Texas Instruments CD74HCU04M Datasheet HTML 4Page - Texas Instruments CD74HCU04M Datasheet HTML 5Page - Texas Instruments CD74HCU04M Datasheet HTML 6Page - Texas Instruments CD74HCU04M Datasheet HTML 7Page - Texas Instruments CD74HCU04M Datasheet HTML 8Page - Texas Instruments CD74HCU04M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Propagation Delay,
Input to Output Y (Figure 1)
tPLH, tPHL CL = 50pF
2
-
-
70
-
90
-
105
ns
CL = 50pF
4.5
-
-
14
-
18
-
21
ns
CL = 15pF
5
-
5
-
----
ns
CL = 50pF
6
-
-
12
-
15
-
18
ns
Transition Times (Figure 1)
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
18
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
-
See Figure 3
pF
Power Dissipation Capacitance
(Notes 2, 3)
CPD
-
5
-
14
-
----
pF
NOTES:
2. CPD is used to determine the dynamic power consumption, per inverter.
3. PD = VCC
2 f
i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Test Circuits and Waveforms
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
Typical Performance Curves
FIGURE 2. TYPICAL INVERTER SUPPLY CURRENT AS FUNCTION OF INPUT VOLTAGE
VI, INPUT VOLTAGE (V)
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
1
23456
VCC = 2V
VCC = 4.5V
VCC = 6V
AMBIENT TEMPERATURE
TA = 25
o C
CD74HCU04


同様の部品番号 - CD74HCU04M

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCU04M TI-CD74HCU04M Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04M TI-CD74HCU04M Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M TI1-CD74HCU04M Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M96 TI-CD74HCU04M96 Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M96 TI1-CD74HCU04M96 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
More results

同様の説明 - CD74HCU04M

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC04 TI-CD54HC04 Datasheet
30Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_06 Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD54HC04F3A TI-CD54HC04F3A Datasheet
890Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04-Q1 TI1-CD74HCU04-Q1 Datasheet
501Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC HEX INVERTER
CD74HCU04 TI1-CD74HCU04_15 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com