データシートサーチシステム |
|
LM2675N-5.0 データシート(PDF) 9 Page - National Semiconductor (TI) |
|
|
LM2675N-5.0 データシート(HTML) 9 Page - National Semiconductor (TI) |
9 / 26 page Test Circuit and Layout Guidelines 01280322 CIN - 22 µF, 50V Tantalum, Sprague “199D Series” COUT - 47 µF, 25V Tantalum, Sprague “595D Series” D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F L1 - 68 µH Sumida #RCR110D-680L CB - 0.01 µF, 50V Ceramic FIGURE 2. Standard Test Circuits and Layout Guides Fixed Output Voltage Versions 01280323 CIN - 22 µF, 50V Tantalum, Sprague “199D Series” COUT - 47 µF, 25V Tantalum, Sprague “595D Series” D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F L1 - 68 µH Sumida #RCR110D-680L R1 - 1.5 k Ω,1% CB - 0.01 µF, 50V Ceramic For a 5V output, select R2 to be 4.75 k Ω,1% where VREF = 1.21V Use a 1% resistor for best stability. FIGURE 3. Standard Test Circuits and Layout Guides Adjustable Output Voltage Version www.national.com 9 |
同様の部品番号 - LM2675N-5.0 |
|
同様の説明 - LM2675N-5.0 |