データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC7565A データシート(PDF) 1 Page - Texas Instruments

部品番号 DAC7565A
部品情報  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC7565A データシート(HTML) 1 Page - Texas Instruments

  DAC7565A Datasheet HTML 1Page - Texas Instruments DAC7565A Datasheet HTML 2Page - Texas Instruments DAC7565A Datasheet HTML 3Page - Texas Instruments DAC7565A Datasheet HTML 4Page - Texas Instruments DAC7565A Datasheet HTML 5Page - Texas Instruments DAC7565A Datasheet HTML 6Page - Texas Instruments DAC7565A Datasheet HTML 7Page - Texas Instruments DAC7565A Datasheet HTML 8Page - Texas Instruments DAC7565A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
DAC7565
1
FEATURES
DESCRIPTION
APPLICATIONS
24-BitShiftRegister
SYNC
SCLK
D
IN
DataBufferA
DACRegisterA
DataBufferB
DACRegisterB
DataBufferC
DACRegisterC
DataBufferD
DACRegisterD
AV
DD
Buffer
Control
Register
Control
ControlLogic
2.5V
Reference
Power-Down
ControlLogic
12-BitDAC
12-BitDAC
12-BitDAC
12-BitDAC
V
A
OUT
V
B
OUT
V
C
OUT
V
D
OUT
GND
LDAC
ENABLE
RSTSEL
RST
DAC7565
V
REF
REF
H/V
OUT
IOV
DD
V
REFL
DAC7565
www.ti.com ............................................................................................................................................... SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/
°C Internal Reference
234
• Relative Accuracy: 0.5LSB
The
DAC7565
is
a
low-power,
voltage-output,
four-channel, 12-bit digital-to-analog converter (DAC).
• Glitch Energy: 0.15nV-s
The
device
includes
a
2.5V,
2ppm/
°C internal
• Internal Reference:
reference (enabled by default), giving a full-scale
2.5V Reference Voltage (enabled by default)
output voltage range of 2.5V. The internal reference
0.004% Initial Accuracy (typ)
has an initial accuracy of 0.02% and can source up to
20mA at the VREFH/VREFOUT pin. The device is
2ppm/
°C Temperature Drift (typ)
monotonic,
provides
very
good
linearity,
and
5ppm/
°C Temperature Drift (max)
minimizes undesired code-to-code transient voltages
20mA Sink/Source Capability
(glitch). The DAC7565 uses a versatile 3-wire serial
interface that operates at clock rates up to 50MHz.
• Power-On Reset to Zero-Scale or Mid-Scale
The interface is compatible with standard SPI™,
• Asynchronous Clear to Zero-Scale or
QSPI™, Microwire™, and digital signal processor
Mid-Scale
(DSP) interfaces.
• Ultra-Low Power Operation: 1mA at 5V
The DAC7565 incorporates a power-on-reset circuit
• Wide Power-Supply Range: +2.7V to +5.5V
that ensures the DAC output powers up at either
zero-scale or mid-scale until a valid code is written to
• 12-Bit Monotonic Over Temperature Range
the device. The device contains a power-down
• Settling Time: 10µs to ±0.024% Full-Scale
feature, accessed over the serial interface, that
Range (FSR)
reduces the current consumption of the device to
• Low-Power Serial Interface with
1.3
µA at 5V. Power consumption is 2.9mW at 3V,
Schmitt-Triggered Inputs: Up to 50MHz
reducing to 1.5
µW in power-down mode. The low
power consumption, internal reference, and small
• On-Chip Output Buffer Amplifier with
footprint
make
this
device
ideal
for
portable,
Rail-to-Rail Operation
battery-operated equipment.
• 1.8V to 5.5V Logic Compatibility
The DAC7565 is drop-in and functionally compatible
• Temperature Range: –40°C to +105°C
with the DAC8165 and DAC8565, and functionally
compatible
with
the
DAC7564,
DAC8164
and
DAC8564. All these devices are available in a
• Portable Instrumentation
TSSOP-16 package.
• Closed-Loop Servo-Control
• Process Control, PLCs
• Data Acquisition Systems
• Programmable Attenuation
• PC Peripherals
RELATED
DEVICES
16-BIT
14-BIT
12-BIT
Pin and
Functionally
DAC8565
DAC8165
DAC7565
Compatible
Functionally
DAC8564
DAC8164
DAC7564
Compatible
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
Microwire is a trademark of National Semiconductor.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - DAC7565A

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7565 TI1-DAC7565 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC7565 TI1-DAC7565 Datasheet
750Kb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
More results

同様の説明 - DAC7565A

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564_15 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com