データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CBTS16212 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CBTS16212
部品情報  24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTS16212 データシート(HTML) 10 Page - Texas Instruments

Back Button SN74CBTS16212 Datasheet HTML 4Page - Texas Instruments SN74CBTS16212 Datasheet HTML 5Page - Texas Instruments SN74CBTS16212 Datasheet HTML 6Page - Texas Instruments SN74CBTS16212 Datasheet HTML 7Page - Texas Instruments SN74CBTS16212 Datasheet HTML 8Page - Texas Instruments SN74CBTS16212 Datasheet HTML 9Page - Texas Instruments SN74CBTS16212 Datasheet HTML 10Page - Texas Instruments SN74CBTS16212 Datasheet HTML 11Page - Texas Instruments SN74CBTS16212 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


同様の部品番号 - SN74CBTS16212

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTS16212 TI-SN74CBTS16212 Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212DGG TI-SN74CBTS16212DGG Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212DGV TI-SN74CBTS16212DGV Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212DL TI-SN74CBTS16212DL Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
More results

同様の説明 - SN74CBTS16212

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTS16212 TI-SN74CBTS16212 Datasheet
82Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
logo
Renesas Technology Corp
HD74CBTS16212A RENESAS-HD74CBTS16212A Datasheet
237Kb / 13P
   24-bit FET Bus-Exchange Switches with Schottky diode clamping
logo
Texas Instruments
SN74CBTS16211 TI-SN74CBTS16211 Datasheet
76Kb / 5P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16211 TI1-SN74CBTS16211_08 Datasheet
342Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTS3384 TI1-SN74CBTS3384_15 Datasheet
904Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3384 TI-SN74CBTS3384 Datasheet
66Kb / 5P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
logo
Fairchild Semiconductor
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com