データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA10-11SRWA データシート(PDF) 1 Page - Kingbright Corporation

部品番号 SA10-11SRWA
部品情報  26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA10-11SRWA データシート(HTML) 1 Page - Kingbright Corporation

  SA10-11SRWA Datasheet HTML 1Page - Kingbright Corporation SA10-11SRWA Datasheet HTML 2Page - Kingbright Corporation SA10-11SRWA Datasheet HTML 3Page - Kingbright Corporation SA10-11SRWA Datasheet HTML 4Page - Kingbright Corporation SA10-11SRWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAD2299
REV NO: V.9
DATE: MAY/24/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000154
26mm (1.02 INCH) SINGLE DIGIT NUMERIC
DISPLAY
Part Number: SA10-11SRWA
Super Bright Red
Features
1.02 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
HIGH LIGHT OUTPUT.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ± 0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


同様の部品番号 - SA10-11SRWA

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
SA10-11SURKWA KINGBRIGHT-SA10-11SURKWA Datasheet
371Kb / 7P
   26mm (1.02INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11SYKWA KINGBRIGHT-SA10-11SYKWA Datasheet
365Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

同様の説明 - SA10-11SRWA

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
SC10-11GWA KINGBRIGHT-SC10-11GWA Datasheet
217Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11EWA KINGBRIGHT-SC10-11EWA Datasheet
219Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11YWA KINGBRIGHT-SC10-11YWA Datasheet
219Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11CGKWA KINGBRIGHT-SA10-11CGKWA Datasheet
365Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11GWA KINGBRIGHT-SA10-11GWA Datasheet
217Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11SYKWA KINGBRIGHT-SA10-11SYKWA Datasheet
365Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11SYKWA KINGBRIGHT-SC10-11SYKWA Datasheet
372Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11EWA KINGBRIGHT-SA10-11EWA Datasheet
219Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11SRWA KINGBRIGHT-SC10-11SRWA Datasheet
216Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11CGKWA KINGBRIGHT-SC10-11CGKWA Datasheet
371Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com