データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FCT16646CTPVCTG4 データシート(PDF) 3 Page - Texas Instruments

部品番号 74FCT16646CTPVCTG4
部品情報  16-Bit Registered Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74FCT16646CTPVCTG4 データシート(HTML) 3 Page - Texas Instruments

  74FCT16646CTPVCTG4 Datasheet HTML 1Page - Texas Instruments 74FCT16646CTPVCTG4 Datasheet HTML 2Page - Texas Instruments 74FCT16646CTPVCTG4 Datasheet HTML 3Page - Texas Instruments 74FCT16646CTPVCTG4 Datasheet HTML 4Page - Texas Instruments 74FCT16646CTPVCTG4 Datasheet HTML 5Page - Texas Instruments 74FCT16646CTPVCTG4 Datasheet HTML 6Page - Texas Instruments 74FCT16646CTPVCTG4 Datasheet HTML 7Page - Texas Instruments 74FCT16646CTPVCTG4 Datasheet HTML 8Page - Texas Instruments 74FCT16646CTPVCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY74FCT16646T
CY74FCT162646T
3
Function Table[1]
Inputs
Data I/O[2]
Function
OE
DIR
CLKAB
CLKBA
SAB
SBA
A
B
H
H
X
X
H or L
H or L
X
X
X
X
Input
Input
Isolation
Store A and B Data
L
L
L
L
X
X
X
H or L
X
X
L
H
Output
Input
Real Time B Data to A Bus
Stored B Data to A Bus
L
L
H
H
X
H or L
X
X
L
H
X
X
Input
Output
Real Time A Data to Bus
Stored A Data to B Bus
Notes:
1.
H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care
.
= LOW-to-HIGH Transition
2.
The data output functions may be enabled or disabled by various signals at the OE or DIR inputs. Data input functions are always enabled, i.e., data at the
bus pins will be stored on every LOW-to-HIGH transition on the clock inputs.
3.
Cannot transfer data to A-bus and B-bus simultaneously.
BUS B
BUS A
DIR
L
OE
L
CLKAB
X
SAB
X
BUS B
BUS A
DIR
H
L
X
OE
L
L
H
CLKAB
X
SAB
X
X
X
SBA
X
X
X
BUS B
BUS A
DIR
H
OE
L
SAB
L
SBA
X
BUS A
BUS A
DIR
L
H
OE
L
L
SAB
X
H
SBA
H
X
Real-Time Transfer
Bus B to BusA
Real-Time Transfer
BusA to Bus B
Storage from
A and/or B
Transfer Stored Data
to A and/or B
CLKBA
X
CLKAB
X
CLKBA
X
SBA
L
CLKBA
X
CLKAB
X
Hor L
CLKBA
Hor L
X
[3]


同様の部品番号 - 74FCT16646CTPVCTG4

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
74FCT166244ATPAG RENESAS-74FCT166244ATPAG Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
74FCT166244CTPAG RENESAS-74FCT166244CTPAG Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Texas Instruments
74FCT16652ATPVCG4 TI-74FCT16652ATPVCG4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652ATPVCTG4 TI-74FCT16652ATPVCTG4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
More results

同様の説明 - 74FCT16646CTPVCTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com