データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STC03DE170HV データシート(PDF) 5 Page - STMicroelectronics

部品番号 STC03DE170HV
部品情報  Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE170HV データシート(HTML) 5 Page - STMicroelectronics

  STC03DE170HV_07 Datasheet HTML 1Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 2Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 3Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 4Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 5Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 6Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 7Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 8Page - STMicroelectronics STC03DE170HV_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STC03DE170HV
Electrical characteristics
5/9
Figure 6.
DC current gain
Figure 7.
Collector-source On voltage
Figure 8.
Collector-source On voltage Figure 9.
Base-source On voltage
Figure 10. Inductive load switching time Figure 11. Inductive load switching time


同様の部品番号 - STC03DE170HV_07

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
More results

同様の説明 - STC03DE170HV_07

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STC03DE170HP STMICROELECTRONICS-STC03DE170HP_07 Datasheet
281Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
   Emitter switched bipolar transistor ESBT짰 1700V - 4A - 0.17 W
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC05DE120HV STMICROELECTRONICS-STC05DE120HV Datasheet
229Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1200V - 5A - 0.18 ohm
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
STC04IE170HP STMICROELECTRONICS-STC04IE170HP Datasheet
282Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC04IE170HV_0611 STMICROELECTRONICS-STC04IE170HV_0611 Datasheet
255Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com