データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2914NG4 データシート(PDF) 5 Page - Texas Instruments

部品番号 UC2914NG4
部品情報  5-V TO 35-V HOT SWAP POWER MANAGER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC2914NG4 データシート(HTML) 5 Page - Texas Instruments

  UC2914NG4 Datasheet HTML 1Page - Texas Instruments UC2914NG4 Datasheet HTML 2Page - Texas Instruments UC2914NG4 Datasheet HTML 3Page - Texas Instruments UC2914NG4 Datasheet HTML 4Page - Texas Instruments UC2914NG4 Datasheet HTML 5Page - Texas Instruments UC2914NG4 Datasheet HTML 6Page - Texas Instruments UC2914NG4 Datasheet HTML 7Page - Texas Instruments UC2914NG4 Datasheet HTML 8Page - Texas Instruments UC2914NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
UC2914
UC3914
SLUS425C − DECEMBER 2003 − REVISED JULY 2004
5
www.ti.com
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC DIL−18
(N)
PLASTIC SOIC
(DW)(1)
−40
°C to 85°C
UC2914N
UC2914DW
0
°C to 70°C
UC3914N
UC3914DW
(1) The DW package is available taped and reeled. Add an TR suffix
to the device type (e.g. UC2914DWTR) to order quantities of
2,000 devices per reel.
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
GND
VCC
N/C
SD
OSCB
OSC
VPUMP
PMPB
PMP
REF
SENSE
IMAX
CT
PLIM
LR
VOUTS
OUT
FAULT
DIL−18
N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
GND
VCC
N/C
SD
OSCB
OSC
VPUMP
PMPB
PMP
REF
SENSE
IMAX
CT
PLIM
LR
VOUTS
OUT
FAULT
SOIC−18
DW PACKAGE
(TOP VIEW)
BLOCK DIAGRAM
UDG−95134−2


同様の部品番号 - UC2914NG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2914 TI-UC2914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
More results

同様の説明 - UC2914NG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com