データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54AC151 データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54AC151
部品情報  8-Input Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC151 データシート(HTML) 1 Page - National Semiconductor (TI)

  54AC151_03 Datasheet HTML 1Page - National Semiconductor (TI) 54AC151_03 Datasheet HTML 2Page - National Semiconductor (TI) 54AC151_03 Datasheet HTML 3Page - National Semiconductor (TI) 54AC151_03 Datasheet HTML 4Page - National Semiconductor (TI) 54AC151_03 Datasheet HTML 5Page - National Semiconductor (TI) 54AC151_03 Datasheet HTML 6Page - National Semiconductor (TI) 54AC151_03 Datasheet HTML 7Page - National Semiconductor (TI) 54AC151_03 Datasheet HTML 8Page - National Semiconductor (TI) 54AC151_03 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
54AC151/54ACT151
8-Input Multiplexer
General Description
The ’AC/’ACT151 is a high-speed 8-input digital multiplexer.
It provides, in one package, the ability to select one line of
data from up to eight sources. The ’AC/’ACT151 can be used
as a universal function generator to generate any logic func-
tion of four variables. Both true and complementary outputs
are provided.
Features
n
I
CC reduced by 50%
n
Outputs source/sink 24 mA
n
’ACT151 has TTL-compatible inputs
n
Standard Microcircuit Drawing (SMD)
— ’AC151: 5962-87691
— ’ACT151: 5962-88756
n
54AC151 now qualified to 300Krad RHA designation,
refer to the SMD for more information
Logic Symbols
IEEE/IEC
10027001
10027006
Pin Names
Description
I
0–I7
Data Inputs
S
0–S2
Select Inputs
E
Enable Input
Z
Data Output
Z
Inverted Data Output
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
July 2003
© 2003 National Semiconductor Corporation
DS100270
www.national.com


同様の部品番号 - 54AC151_03

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54AC151D NSC-54AC151D Datasheet
156Kb / 10P
   8-Input Multiplexer
54AC151F NSC-54AC151F Datasheet
156Kb / 10P
   8-Input Multiplexer
54AC151L NSC-54AC151L Datasheet
156Kb / 10P
   8-Input Multiplexer
More results

同様の説明 - 54AC151_03

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
   8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
   8-input multiplexer
Rev. 5-26 January 2015
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
   8-Input Multiplexer
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
[Old version datasheet]   8-Input Multiplexer
logo
National Semiconductor ...
54LS152 NSC-54LS152 Datasheet
77Kb / 3P
   8-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com