データシートサーチシステム |
|
SM5903BF データシート(PDF) 1 Page - Nippon Precision Circuits Inc |
|
SM5903BF データシート(HTML) 1 Page - Nippon Precision Circuits Inc |
1 / 31 page NIPPON PRECISION CIRCUITS INC. NIPPON PRECISION CIRCUITS-1 SM5903BF compression and non compression type shock-proof memory controller Overview - 2-channel processing - Serial data input ⋅ 2s complement, 16-bit/MSB first, right-justified format ⋅ Wide capture function (up to 3 × speed input rate) - System clock input ⋅ 384fs (16.9344 MHz) - Shock-proof memory controller ⋅ ADPCM compression method ⋅ 4-level compression mode selectable 4-bit compression mode 2.78 s/Mbit 5-bit compression mode 2.22 s/Mbit 6-bit compression mode 1.85 s/Mbit Full-bit non compression mode 0.74 s/Mbit ⋅ 4 external DRAM configurations selectable 1 × 16M DRAM (4M × 4 bits, refresh cycle = 2048 cycle) 1 or 2 × 4M DRAM (1M × 4 bits) 1 × 1M DRAM (256k × 4 bits) - Microcontroller interface ⋅ Serial command write and status read-out ⋅ Data residual detector: 15-bit operation, 16-bit output ⋅ Forced mute - Extension I/O Microcontroller interface for external control using 5 extension I/O pins - +2.4 to +3.6 V operating voltage range - Schmitt inputs All input pins (including I/O pins) except CLK (system clock) - Reset signal noise elimination Approximately 3.8 µs or longer (65 system clock pulses) continuous LOW-level reset - 44-pin LQFP package (0.8 mm pin pitch) The SM5903BF is a compression and non com- pression type shock-proof memory controller LSI for compact disc players. The compression level can be set in 4 levels, and external memory can be selected from 4 options (1M, 4M, 4M × 2, 16M). It operates from a 2.4 to 3.6 V supply voltage range. Features Ordering Information SM5903BF 44-pin LQFP |
同様の部品番号 - SM5903BF_00 |
|
同様の説明 - SM5903BF_00 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |