データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G02DCKT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1G02DCKT
部品情報  LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G02DCKT データシート(HTML) 5 Page - Texas Instruments

  SN74AUP1G02DCKT Datasheet HTML 1Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 2Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 3Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 4Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 5Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 6Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 7Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 8Page - Texas Instruments SN74AUP1G02DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
SN74AUP1G02
LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SCES568D – JUNE 2004 – REVISED MAY 2007
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –20 µA
0.8 V to 3.6 V
VCC – 0.1
VCC – 0.1
0.75
×
IOH = –1.1 mA
1.1 V
0.7
× V
CC
VCC
IOH = –1.7 mA
1.4 V
1.11
1.03
IOH = –1.9 mA
1.65 V
1.32
1.3
VOH
V
IOH = –2.3 mA
2.05
1.97
2.3 V
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 µA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3
× V
CC
0.3
× V
CC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
A or B
II
VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
µA
inputs
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
µA
∆I
off
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
µA
VI = GND or (VCC to 3.6 V),
ICC
0.8 V to 3.6 V
0.5
0.9
µA
IO = 0
VI = VCC – 0.6 V(1),
∆I
CC
3.3 V
40
50
µA
IO = 0
0 V
1.5
Ci
VI = VCC or GND
pF
3.6 V
1.5
Co
VO = GND
0 V
3
pF
(1)
One input at VCC – 0.6 V, other inputs at VCC or GND
over recommended operating free-air temperature range, C
L = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
19.3
1.2 V
± 0.1 V
2.6
7.3
13
2.1
16.3
1.5 V
± 0.1 V
1.4
5.2
8.9
0.9
10.8
tpd
A or B
Y
ns
1.8 V
± 0.15 V
1
4.2
6.8
0.5
8.7
2.5 V
± 0.2 V
1
3
4.6
0.5
5.9
3.3 V
± 0.3 V
1
2.4
3.7
0.5
4.6
5
Submit Documentation Feedback


同様の部品番号 - SN74AUP1G02DCKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G02DCKT TI-SN74AUP1G02DCKT Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DCKT TI-SN74AUP1G02DCKT Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DCKT TI1-SN74AUP1G02DCKT Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
SN74AUP1G02DCKTE4 TI-SN74AUP1G02DCKTE4 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DCKTE4 TI-SN74AUP1G02DCKTE4 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results

同様の説明 - SN74AUP1G02DCKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI-SN74AUP1G02 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI1-SN74AUP1G02_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com