データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7LCRDIE6 データシート(PDF) 6 Page - STMicroelectronics

部品番号 ST7LCRDIE6
部品情報  Full-speed USB MCU with smartcard interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6 データシート(HTML) 6 Page - STMicroelectronics

Back Button ST7LCRDIE6 Datasheet HTML 2Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 3Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 4Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 5Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 6Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 7Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 8Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 9Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ST7LCR
6/29
Figure 1.
ST7LCR block diagram
8-bit CORE
ALU
OSCIN
OSCOUT
4MHz
RAM
(512 bytes)
PROGRAM
(16 Kbytes)
MEMORY
8-bit TIMER
LVD
USBDP
USBDM
USBVCC
SUPPLY
MANAGER
PLL
OSCILLATOR
USB
USB
DATA
BUFFER
(256 bytes)
DIVIDER
8 MHz
3/1.8 V Vreg
DC/DC
CRDDET
CRDIO
C4
C8
CRDRST
CRDCLK
ISO7816 UART
CONVERTER
CRDVCC
or 4 MHz
48 MHz


同様の部品番号 - ST7LCRDIE6

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7L09 STMICROELECTRONICS-ST7L09 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
ST7L19 STMICROELECTRONICS-ST7L19 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
More results

同様の説明 - ST7LCRDIE6

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST7GEME4 STMICROELECTRONICS-ST7GEME4 Datasheet
377Kb / 28P
   Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
ST22T064-A STMICROELECTRONICS-ST22T064-A Datasheet
99Kb / 7P
   Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
logo
Silicon Laboratories
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051T622 SILABS-C8051T622 Datasheet
75Kb / 3P
   Full Speed USB EEPROM MCU Family
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
   Full Speed USB Flash MCU Family
C8051T620 SILABS-C8051T620 Datasheet
87Kb / 2P
   Full Speed USB EPROM MCU Family
logo
STMicroelectronics
ST19XT34 STMICROELECTRONICS-ST19XT34 Datasheet
40Kb / 3P
   Smartcard MCU with MAP, USB/ISO Interface & 34 Kbytes High Density EEPROM
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com