データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9356-RMN6T データシート(PDF) 7 Page - STMicroelectronics

部品番号 M9356-RMN6T
部品情報  16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M9356-RMN6T データシート(HTML) 7 Page - STMicroelectronics

Back Button M9356-RMN6T Datasheet HTML 3Page - STMicroelectronics M9356-RMN6T Datasheet HTML 4Page - STMicroelectronics M9356-RMN6T Datasheet HTML 5Page - STMicroelectronics M9356-RMN6T Datasheet HTML 6Page - STMicroelectronics M9356-RMN6T Datasheet HTML 7Page - STMicroelectronics M9356-RMN6T Datasheet HTML 8Page - STMicroelectronics M9356-RMN6T Datasheet HTML 9Page - STMicroelectronics M9356-RMN6T Datasheet HTML 10Page - STMicroelectronics M9356-RMN6T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Description
7/37
The M93Cx6 is accessed by a set of instructions, as summarized in Table 4., and in more
detail in Table 5. to Table 7.).
A Read Data from Memory (READ) instruction loads the address of the first byte or word to
be read in an internal address register. The data at this address is then clocked out serially.
The address register is automatically incremented after the data is output and, if Chip Select
Input (S) is held High, the M93Cx6 can output a sequential stream of data bytes or words. In
this way, the memory can be read as a data stream from eight to 16384 bits long (in the
case of the M93C86), or continuously (the address counter automatically rolls over to 00h
when the highest address is reached).
Programming is internally self-timed (the external clock signal on Serial Clock (C) may be
stopped or left running after the start of a Write cycle) and does not require an Erase cycle
prior to the Write instruction. The Write instruction writes 8 or 16 bits at a time into one of the
byte or word locations of the M93Cx6. After the start of the programming cycle, a
Busy/Ready signal is available on Serial Data Output (Q) when Chip Select Input (S) is
driven High.
An internal Power-on Data Protection mechanism in the M93Cx6 inhibits the device when
the supply is too low.
Table 3.
Memory size versus organization
Device
Number of bits
Number of 8-bit bytes
Number of 16-bit words
M93C86
16384
2048
1024
M93C76
8192
1024
512
M93C66
4096
512
256
M93C56
2048
256
128
M93C46
1024
128
64
Table 4.
Instruction set for the M93Cx6
Instruction
Description
Data
READ
Read Data from Memory
Byte or Word
WRITE
Write Data to Memory
Byte or Word
WEN
Write Enable
WDS
Write Disable
ERASE
Erase Byte or Word
Byte or Word
ERAL
Erase All Memory
WRAL
Write All Memory
with same Data


同様の部品番号 - M9356-RMN6T

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M9356-RMN6T STMICROELECTRONICS-M9356-RMN6T Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
More results

同様の説明 - M9356-RMN6T

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M93S66 STMICROELECTRONICS-M93S66 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
   (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
November 2013 Rev 15
M93C86 STMICROELECTRONICS-M93C86_10 Datasheet
649Kb / 37P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide)
logo
OKI electronic componet...
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86_07 Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
M93C86-125 STMICROELECTRONICS-M93C86-125 Datasheet
248Kb / 32P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com