データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD7NM50N-1 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STD7NM50N-1
部品情報  N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD7NM50N-1 データシート(HTML) 1 Page - STMicroelectronics

  STD7NM50N-1 Datasheet HTML 1Page - STMicroelectronics STD7NM50N-1 Datasheet HTML 2Page - STMicroelectronics STD7NM50N-1 Datasheet HTML 3Page - STMicroelectronics STD7NM50N-1 Datasheet HTML 4Page - STMicroelectronics STD7NM50N-1 Datasheet HTML 5Page - STMicroelectronics STD7NM50N-1 Datasheet HTML 6Page - STMicroelectronics STD7NM50N-1 Datasheet HTML 7Page - STMicroelectronics STD7NM50N-1 Datasheet HTML 8Page - STMicroelectronics STD7NM50N-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2007
Rev 1
1/17
17
STD7NM50N - STD7NM50N-1
STF7NM50N - STP7NM50N
N-channel 500V - 0.70
Ω - 5A - TO-220 - TO-220FP - IPAK - DPAK
Second generation MDmesh™ Power MOSFET
Features
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Description
This device is realized with the second generation
of MDmesh™ technology. This revolutionary
Power MOSFET associates a new vertical
structure to the company’s strip layout to yield one
of the world’s lowest on-resistance and gate
charge. It is therefore suitable for the most
demanding high efficiency converters
Application
Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
STD7NM50N
550V
<0.78
5A
STD7NM50N-1
550V
<0.78
5A
STF7NM50N
550V
<0.78
5A (1)
1.
Limited only by maximum temperature allowed
STP7NM50N
550V
<0.78
5A
1
2
3
TO-220
DPAK
IPAK
3
2
1
1
2
3
TO-220FP
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD7NM50N-1
D7NM50N
IPAK
Tube
STD7NM50N
D7NM50N
DPAK
Tape & reel
STF7NM50N
F7NM50N
TO-220FP
Tube
STP7NM50N
P7NM50N
TO-220
Tube


同様の部品番号 - STD7NM50N-1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD7NM60N STMICROELECTRONICS-STD7NM60N Datasheet
885Kb / 17P
   N-channel 600 V, 5 A, 0.84 ohm, DPAK, TO-220FP, TO-220, IPAK second generation MDmesh Power MOSFET
logo
Inchange Semiconductor ...
STD7NM60N ISC-STD7NM60N Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD7NM64N STMICROELECTRONICS-STD7NM64N Datasheet
992Kb / 16P
   Low input capacitance and gate charge
August 2013 Rev 1
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
STD7NM80-1 STMICROELECTRONICS-STD7NM80-1 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
More results

同様の説明 - STD7NM50N-1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD6NM60N STMICROELECTRONICS-STD6NM60N Datasheet
619Kb / 17P
   N-channel 600V - 0.85廓 - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD11NM60N STMICROELECTRONICS-STD11NM60N Datasheet
470Kb / 17P
   N-channel 600V-0.37ohm-10A-TO-220-TO-220FP- IPAK-DPAK Second generation MDmesh Power MOSFET
STD10NM65N STMICROELECTRONICS-STD10NM65N Datasheet
504Kb / 17P
   N-channel 650 V - 0.43 廓 - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh??Power MOSFET
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
   N-channel 500V - 0.29廓 - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh??Power MOSFET
STF7NM60N STMICROELECTRONICS-STF7NM60N Datasheet
885Kb / 17P
   N-channel 600 V, 5 A, 0.84 ohm, DPAK, TO-220FP, TO-220, IPAK second generation MDmesh Power MOSFET
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com