データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL001-500 データシート(PDF) 6 Page - Analog Devices

部品番号 ADXL001-500
部品情報  High Performance Wide Bandwidth Accelerometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL001-500 データシート(HTML) 6 Page - Analog Devices

Back Button ADXL001-500 Datasheet HTML 2Page - Analog Devices ADXL001-500 Datasheet HTML 3Page - Analog Devices ADXL001-500 Datasheet HTML 4Page - Analog Devices ADXL001-500 Datasheet HTML 5Page - Analog Devices ADXL001-500 Datasheet HTML 6Page - Analog Devices ADXL001-500 Datasheet HTML 7Page - Analog Devices ADXL001-500 Datasheet HTML 8Page - Analog Devices ADXL001-500 Datasheet HTML 9Page - Analog Devices ADXL001-500 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ADXL001
Preliminary Technical Data
This information applies to an ongoing development. Its characteristics and specifications are subject to change without notice.
Analog Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing. Patents pending.
Rev. PrA | Page 6 of 10
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DNC
Do Not Connect
2
DNC
Do Not Connect
3
COM
Common
4
ST
Self Test Control (Logic Input)
5
DNC
Do Not Connect
6
XOUT
X Axis Acceleration Output
7
VDD
3.135 V to 6 V (Should Be Connected Physically To VDD2)
8
VDD2
3.135 V to 6 V (Should Be Connected Physically To VDD)


同様の部品番号 - ADXL001-500

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL001-500BEZ AD-ADXL001-500BEZ Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL001-500BEZ-R7 AD-ADXL001-500BEZ-R7 Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
More results

同様の説明 - ADXL001-500

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
   HIGH PERFORMANCE ACCELEROMETER
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
   WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com