データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1070EB データシート(PDF) 1 Page - Analog Devices

部品番号 ADM1070EB
部品情報  ADM1070 Hot Swap Controller Evaluation Kit Documentation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1070EB データシート(HTML) 1 Page - Analog Devices

  ADM1070EB Datasheet HTML 1Page - Analog Devices ADM1070EB Datasheet HTML 2Page - Analog Devices ADM1070EB Datasheet HTML 3Page - Analog Devices ADM1070EB Datasheet HTML 4Page - Analog Devices ADM1070EB Datasheet HTML 5Page - Analog Devices ADM1070EB Datasheet HTML 6Page - Analog Devices ADM1070EB Datasheet HTML 7Page - Analog Devices ADM1070EB Datasheet HTML 8Page - Analog Devices ADM1070EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
EVAL-ADM1070EB
ADM1070 Hot Swap Controller Evaluation Kit
Documentation
FEATURES
Full Evaluation Kit for the ADM1070 Hot Swap Controller
Kit Contains Two Boards
Main Evaluation Board for Bench Evaluation
Micro Evaluation Board to Drop into User’s System
Both Boards Feature
On-Board FET to Control Load Current
Programmable Operating Voltage Range (R1/R2 Ratio)
Programmable Current Limit Levels (Value of RSENSE)
Choice of Default or Custom Timing Values
Main Evaluation Board Features
Edge Connectors Allow for Simulation of Real
Hot Swap Events with ADM1070 Residing on Plug-In
Module or Backplane
External Signals Can Be Switched in through SMB
Connectors to Override VIN, SENSE, and UV/OV Signals
Microboard Features
Drops onto a User’s System, Replacing the Current
Hot Swap Device
EVALUATION KIT CONTENTS
• ADM1070 Evaluation Board
• ADM1070 Microboard
• ADM1070 Data Sheet
• Evaluation Kit Documentation (This Document)
• Application Note
• Five ADM1070 Samples
FUNCTIONAL BLOCK DIAGRAM
J9
J8
J1
J2
J3
R1
R2
RDROP
VIN
Q1
–48V IN
–48V IN
–48V IN
J4
RSENSE
UV/OV
TIMER
VEE
SENSE
GATE
ADM1070
0V IN
EDGE
CONNECTOR
16k
ORDERING INFORMATION
Full ADM1070 Evaluation Kit: The EVAL-ADM1070EB
contains the Main Evaluation Board and Micro Evaluation Board.
ADM1070 Micro Evaluation Kit: The EVAL-ADM1070MEB
contains the Micro Evaluation Board only.
GENERAL DESCRIPTION
This Evaluation Kit allows the ADM1070 negative voltage Hot
Swap Controller to be easily evaluated. The ADM1070 provides
undervoltage and overvoltage protection by monitoring the
supply voltage and provides robust current limiting by monitor-
ing the load current. The device uses a FET in the power path
to control the load current. The complete data sheet for the
ADM1070 is available from Analog Devices and should be
consulted in conjunction with this document.
SETTING UP THE ADM1070 MAIN EVALUATION BOARD
The user can set up the ADM1070 Evaluation Board with various
configurations of supply voltage operating range, maximum
allowable load current, and timing values as follows:
1. Choose values of resistors R1 and R2 to suit the desired oper-
ating voltage range. The default resistors’ values (R1 = 39 k
Ω,
R2 = 1 k
Ω) give an operating range of 36.4 V to 76.8 V. See
Table IV on page 11 of the ADM1070 data sheet for other
resistor ratios and their operating ranges.
2. Choose a maximum load current permitted before the
ADM1070 will register a current fault. This is decided by the
choice of resistor R6 (RSENSE), see Table I of the ADM1070
data sheet.


同様の部品番号 - ADM1070EB

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070ART AD-ADM1070ART Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
More results

同様の説明 - ADM1070EB

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com