データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QY21XXF230VAC データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 QY21XXF230VAC
部品情報  General Purpose Power Relay QY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

QY21XXF230VAC データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  QY21XXF230VAC Datasheet HTML 1Page - List of Unclassifed Manufacturers QY21XXF230VAC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QY/02/05
www.imopc.com
General Purpose Power Relay QY
General purpose 10 amp Power Relay available in
2PCO Plug-in, PCB, chassis mount
❚ Arc barriers prevent flashover between contacts
❚ High reliability/long life expectancy
❚ UL/cUL approved
Options and ordering codes
QY
2
1
XXF
2 pole changover
Plug-in
Printed circuit board
1
2
2
230VAC
Rated
Voltage
12
24
110
230
AC Coils.
Coil resistance
46
184
4550
14400
DC Coils.
Coil resistance
160
650
11000
-
Coil Data
Clear case
Flange cover
XX
F
Specification
Type
Resistive
Inductive
Rated load
10A @ 240V AC/28V DC
7.5A @ 240V AC, 5A @ 28V DC
Rated current
10A
Maximum switching voltage
250VAC/28VDC
Operate time
25m sec max
Release time
25m sec max
Dielectric strength
1500V AC 50/60Hz for 1 min
Ambient operating temperature
-40 to +70˚C
-40 to +70˚C
Mechanical service life
20 million ops minimum
Electrical service life
100,000 ops at rated load
Contact material
AgSnO
Power consumption
1.2VA AC 0.9 watts DC
General purpose
power relay
For coil voltage
see table


同様の説明 - QY21XXF230VAC

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
G8J OMRON-G8J Datasheet
72Kb / 3P
   General Purpose Automotive Power Relay
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com