データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24AA01WI-T データシート(PDF) 1 Page - Catalyst Semiconductor

部品番号 CAT24AA01WI-T
部品情報  1-Kb and 2-Kb I2C CMOS Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24AA01WI-T データシート(HTML) 1 Page - Catalyst Semiconductor

  CAT24AA01WI-T Datasheet HTML 1Page - Catalyst Semiconductor CAT24AA01WI-T Datasheet HTML 2Page - Catalyst Semiconductor CAT24AA01WI-T Datasheet HTML 3Page - Catalyst Semiconductor CAT24AA01WI-T Datasheet HTML 4Page - Catalyst Semiconductor CAT24AA01WI-T Datasheet HTML 5Page - Catalyst Semiconductor CAT24AA01WI-T Datasheet HTML 6Page - Catalyst Semiconductor CAT24AA01WI-T Datasheet HTML 7Page - Catalyst Semiconductor CAT24AA01WI-T Datasheet HTML 8Page - Catalyst Semiconductor CAT24AA01WI-T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CAT24AA01, CAT24AA02
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-1120 Rev. B
Characteristics subject to change without notice
1-Kb and 2-Kb I
2C CMOS Serial EEPROM
FEATURES
Supports Standard and Fast I
2C Protocol
1.7 V to 5.5 V Supply Voltage Range
16-Byte Page Write Buffer
Hardware Write Protection for entire memory
Schmitt Triggers and Noise Suppression Filters
on I
2C Bus Inputs (SCL and SDA)
Low power CMOS technology
1,000,000 program/erase cycles
100 year data retention
Industrial temperature range
RoHS-compliant TSOT-23 5-lead and SOIC
8-lead packages
DESCRIPTION
The CAT24AA01/24AA02 are 1-Kb and 2-Kb CMOS
Serial EEPROM devices internally organized as
128x8/256x8 bits.
They feature a 16-byte page write buffer and support
both the Standard (100kHz) and the Fast (400kHz)
I
2C protocols.
In
contrast
to
the
CAT24C01/24C02,
the
CAT24AA01/24AA02 have no external address
pins, and are therefore suitable in applications
that require a single CAT24AA01/02 on the I
2C
bus.
For Ordering Information details, see page 12.
PIN CONFIGURATION
SOIC (W)
NC
1
8 VCC
NC
2
7 WP
NC
3
6 SCL
VSS 4
5 SDA
TSOT-23 (TD)
SCL
1
5 WP
VSS 2
SDA
3
4 VCC
* For the location of Pin 1, please consult the corresponding
package drawing.
PIN FUNCTIONS
FUNCTIONAL SYMBOL
Pin Name
Function
SDA
Serial Data/Address
SCL
Clock Input
WP
Write Protect
VCC
Power Supply
VSS
Ground
VCC
VSS
SDA
SCL
WP
CAT24AA02
CAT24AA01


同様の部品番号 - CAT24AA01WI-T

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT24AA01WI-T10 ONSEMI-CAT24AA01WI-T10 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA01WI-T3 ONSEMI-CAT24AA01WI-T3 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
More results

同様の説明 - CAT24AA01WI-T

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com