データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMBZ6V8ALT1G データシート(PDF) 5 Page - Leshan Radio Company

部品番号 LMBZ6V8ALT1G
部品情報  24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBZ6V8ALT1G データシート(HTML) 5 Page - Leshan Radio Company

  LMBZ6V8ALT1G Datasheet HTML 1Page - Leshan Radio Company LMBZ6V8ALT1G Datasheet HTML 2Page - Leshan Radio Company LMBZ6V8ALT1G Datasheet HTML 3Page - Leshan Radio Company LMBZ6V8ALT1G Datasheet HTML 4Page - Leshan Radio Company LMBZ6V8ALT1G Datasheet HTML 5Page - Leshan Radio Company LMBZ6V8ALT1G Datasheet HTML 6Page - Leshan Radio Company LMBZ6V8ALT1G Datasheet HTML 7Page - Leshan Radio Company LMBZ6V8ALT1G Datasheet HTML 8Page - Leshan Radio Company LMBZ6V8ALT1G Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LMBZ6V8ALT1G Series
TYPICAL CHARACTERISTICS
0.1
1
10
100
1000
1
10
100
Power is defined as VRSM x IZ(pk) where VRSM is
the clamping voltage at IZ(pk).
PW, PULSE WIDTH (ms)
UNIDIRECTIONAL
RECTANGULAR
WAVEFORM, TA = 25°C
BIDIRECTIONAL
LMBZ5V6ALT1
Figure 5. Pulse Waveform
100
50
0
01
2
3
4
t, TIME (ms)
Figure 6. Pulse Derating Curve
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAYS TO
50% OF IPP.
HALF VALUE-
IPP
2
tP
tr ≤ 10 ms
PEAK VALUE-IPP
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
Figure 7. Maximum Non–repetitive Surge
Power, Ppk versus PW
Figure 8. Maximum Non–repetitive Surge
Power, Ppk(NOM) versus PW
0.1
1
10
100
1000
1
10
100
PW, PULSE WIDTH (ms)
UNIDIRECTIONAL
RECTANGULAR
WAVEFORM, TA = 25°C
BIDIRECTIONAL
LMBZ5V6ALT1
Power is defined as VZ(NOM) x IZ(pk) where
VZ(NOM) is the nominal zener voltage measured at
the low test current used for voltage classification.
UNIDIRECTIONAL
LESHAN RADIO COMPANY, LTD.
LMBZ6V8ALT1G –5/7


同様の部品番号 - LMBZ6V8ALT1G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBZ5221BLT1 LRC-LMBZ5221BLT1 Datasheet
97Kb / 6P
   ZENER VOLTAGE REGULATORS
LMBZ5221BLT1G LRC-LMBZ5221BLT1G Datasheet
152Kb / 6P
   Zener Voltage Regalators
logo
Shanghai Leiditech Elec...
LMBZ5221BLT1G LEIDITECH-LMBZ5221BLT1G Datasheet
674Kb / 6P
   Zener Voltage Regulator
logo
Leshan Radio Company
LMBZ5221BLT1G LRC-LMBZ5221BLT1G_15 Datasheet
146Kb / 6P
   Zener Voltage Regalators
LMBZ5221BLT3G LRC-LMBZ5221BLT3G Datasheet
152Kb / 6P
   Zener Voltage Regalators
More results

同様の説明 - LMBZ6V8ALT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SZMMBZ4252T1G ONSEMI-SZMMBZ4252T1G Datasheet
142Kb / 7P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
MMBZ5V6ALT1 ONSEMI-MMBZ5V6ALT1 Datasheet
70Kb / 8P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ16V ONSEMI-MMBZ16V Datasheet
74Kb / 7P
   40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
   40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
MMBZ27VAWT1G ONSEMI-MMBZ27VAWT1G Datasheet
111Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
SZMMBZ27VCLT3G ONSEMI-SZMMBZ27VCLT3G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ27VCLT1G ONSEMI-SZMMBZ27VCLT1G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G_12 Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com