データシートサーチシステム |
|
SN74AHCU04DGVRE4 データシート(PDF) 3 Page - Texas Instruments |
|
SN74AHCU04DGVRE4 データシート(HTML) 3 Page - Texas Instruments |
3 / 23 page SN54AHCU04, SN74AHCU04 HEX INVERTERS SCLS234K – OCTOBER 1995 – REVISED JULY 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 4) SN54AHCU04 SN74AHCU04 UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 2 5.5 2 5.5 V VCC = 2 V 1.7 1.7 VIH High-level input voltage VCC = 3 V 2.4 2.4 V VCC = 5.5 V 4.4 4.4 VCC = 2 V 0.3 0.3 VIL Low-level input voltage VCC = 3 V 0.6 0.6 V VCC = 5.5 V 1.1 1.1 VI Input voltage 0 5.5 0 5.5 V VO Output voltage 0 VCC 0 VCC V VCC = 2 V –50 –50 mA IOH High-level output current VCC = 3.3 V ± 0.3 V –4 –4 mA VCC = 5 V ± 0.5 V –8 –8 mA VCC = 2 V 50 50 mA IOL Low-level output current VCC = 3.3 V ± 0.3 V 4 4 mA VCC = 5 V ± 0.5 V 8 8 mA TA Operating free-air temperature –55 125 –40 85 °C NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54AHCU04 SN74AHCU04 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 1.8 2 1.8 1.8 IOH = –50 mA 3 V 2.7 3 2.7 2.7 VOH 4.5 V 4 4.5 4 4 V OH IOH = –4 mA 3 V 2.58 2.48 2.48 IOH = –8 mA 4.5 V 3.94 3.8 3.8 2 V 0.2 0.2 0.2 IOL = 50 mA 3 V 0.3 0.3 0.3 VOL 4.5 V 0.5 0.5 0.5 V OL IOL = 4 mA 3 V 0.36 0.5 0.44 IOL = 8 mA 4.5 V 0.36 0.5 0.44 II VI = 5.5 V or GND 0 V to 5.5 V ±0.1 ±1* ±1 mA ICC VI = VCC or GND, IO = 0 5.5 V 2 20 20 mA Ci VI = VCC or GND 5 V 2 10 10 pF * On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V. |
同様の部品番号 - SN74AHCU04DGVRE4 |
|
同様の説明 - SN74AHCU04DGVRE4 |