データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT16833DL データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ABT16833DL
部品情報  DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16833DL データシート(HTML) 8 Page - Texas Instruments

Back Button SN74ABT16833DL Datasheet HTML 4Page - Texas Instruments SN74ABT16833DL Datasheet HTML 5Page - Texas Instruments SN74ABT16833DL Datasheet HTML 6Page - Texas Instruments SN74ABT16833DL Datasheet HTML 7Page - Texas Instruments SN74ABT16833DL Datasheet HTML 8Page - Texas Instruments SN74ABT16833DL Datasheet HTML 9Page - Texas Instruments SN74ABT16833DL Datasheet HTML 10Page - Texas Instruments SN74ABT16833DL Datasheet HTML 11Page - Texas Instruments SN74ABT16833DL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SN54ABT16833, SN74ABT16833
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS097D – FEBRUARY 1991 – REVISED JANUARY 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT16833
SN74ABT16833
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, CLK high or low
3
3
3
ns
A port
4.5
4.5
4.5
tsu
Setup time before CLK
CLR
1
1
1
ns
OEA
5
5
5
th
Hold time after CLK
A port or OEA
0
0
0
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT16833
SN74ABT16833
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1.5
2.5
3.3
1.5
4.2
1.5
4.1
ns
tPHL
A or B
B or A
2
3.1
3.9
2
4.5
2
4.3
ns
tPZH
OE
AorB
2
3.9
4.9
2
5.8
2
5.6
ns
tPZL
OE
A or B
2.5
4.3
5.1
2.5
6.2
2.5
6
ns
tPHZ
OE
AorB
2
3.6
4.5
2
5.5
2
5.4
ns
tPLZ
OE
A or B
1.5
3
3.8
1.5
4.7
1.5
4.3
ns
tPLH
AorOE
PARITY
2
4.6
5.4
2
7
2
6.7
ns
tPHL
A or OE
PARITY
2
4.3
5.1
2
6.5
2
6.1
ns
tPZH
OE
PARITY
2
3.6
5
2
5.8
2
5.7
ns
tPZL
OE
PARITY
2.5
4.4
5.8
2.5
6.7
2.5
6.5
ns
tPHZ
OE
PARITY
1.5
3.2
4
1.5
4.8
1.5
4.7
ns
tPLZ
OE
PARITY
1.5
2.9
3.7
1.5
4.2
1.5
4.1
ns
tPLH
CLK, CLR
ERR
2
3.4
4.2
2
4.8
2
4.6
ns
tPHL
CLK
ERR
2
2.8
3.6
2
4.1
2
3.9
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


同様の部品番号 - SN74ABT16833DL

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT16833DL TI-SN74ABT16833DL Datasheet
169Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results

同様の説明 - SN74ABT16833DL

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833 Datasheet
169Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_06 Datasheet
157Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI1-SN54ABT833_15 Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com