データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54AWG データシート(PDF) 1 Page - Zowie Technology Corporation

部品番号 BAT54AWG
部品情報  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZOWIE [Zowie Technology Corporation]
ホームページ  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAT54AWG データシート(HTML) 1 Page - Zowie Technology Corporation

  BAT54AWG Datasheet HTML 1Page - Zowie Technology Corporation BAT54AWG Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zowie Technology Corporation
Schottky Barrier Diode
These Schottky barrier diodes are designed for high speed switching applications, circuit protection,
and voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where space is limited.
* Extremely Fast Switching Speed
* Low Forward Voltage-0.35 Volts (Typ) @ IF=10mAdc
BAT54AWG
SOT-323
Characteristic
Symbol
Min.
Max.
Typ.
Unit
VF
-
-
-
-
-
0.22
0.29
0.35
0.41
0.52
0.24
0.32
0.40
0.50
1.00
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
V(BR)
30
-
-
Volts
Vdc
OFF CHARACTERISTICS
Forward Voltage
IR
-
2.0
uAdc
Reverse Leakage ( VR=25 Vdc )
Reverse Breakdown Voltage
( IR=10 uAdc )
CJ
-
10
pF
Diode Capacitance
( VR=1.0, f=1.0MHZ )
trr
-
5.0
0.5
7.6
-
nS
Reverse Recovery Time
( IF=IR=10 mAdc, IR(REC)=1.0mAdc )
( IF=0.1 mAdc )
( IF=1.0 mAdc )
( IF=10 mAdc )
( IF=30 mAdc )
( IF=100 mAdc )
1
2
3
CATHODE
CATHODE
ANODE
3
1
2
Zowie Technology Corporation
10/2007
30 VOLTS
SCHOTTKY BARRIER
DETECTOR AND SWITCHING
DIODE
MAXIMUM RATINGS (TJ=125
o
C unless otherwise noted)
Reverse Voltage
Power Dissipation @ TA=25
oC
Rating
Symbol
VR
30
Volts
Operating Junction Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
PD
200
mW
Value
Unit
200 Max
Forward Current (DC)
IF
mA


同様の部品番号 - BAT54AWG

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BAT54AWG-AL3-R UTC-BAT54AWG-AL3-R Datasheet
165Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54AWG-AL3-R UTC-BAT54AWG-AL3-R Datasheet
161Kb / 3P
   SCHOTTKY BARRIER DIODES
logo
Zowie Technology Corpor...
BAT54AWGH ZOWIE-BAT54AWGH Datasheet
73Kb / 3P
   Schottky Barrier Diode
More results

同様の説明 - BAT54AWG

メーカー部品番号データシート部品情報
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com