データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M27C512-15N3X データシート(PDF) 11 Page - STMicroelectronics

部品番号 M27C512-15N3X
部品情報  512 Kbit 64Kb x8 UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512-15N3X データシート(HTML) 11 Page - STMicroelectronics

Back Button M27C512-15N3X Datasheet HTML 7Page - STMicroelectronics M27C512-15N3X Datasheet HTML 8Page - STMicroelectronics M27C512-15N3X Datasheet HTML 9Page - STMicroelectronics M27C512-15N3X Datasheet HTML 10Page - STMicroelectronics M27C512-15N3X Datasheet HTML 11Page - STMicroelectronics M27C512-15N3X Datasheet HTML 12Page - STMicroelectronics M27C512-15N3X Datasheet HTML 13Page - STMicroelectronics M27C512-15N3X Datasheet HTML 14Page - STMicroelectronics M27C512-15N3X Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/22
M27C512
Table 7. Read Mode DC Characteristics
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Maximum DC voltage on Output is VCC +0.5V.
Table 8. Read Mode AC Characteristics
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
3. Speed obtained with High Speed AC measurement conditions.
Symbol
Parameter
Test Condition (1)
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±10
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
µA
ICC
Supply Current
E = VIL, G = VIL,
IOUT = 0mA, f = 5MHz
30
mA
ICC1
Supply Current (Standby) TTL
E = VIH
1mA
ICC2
Supply Current (Standby) CMOS
E > VCC – 0.2V
100
µA
IPP
Program Current
VPP = VCC
10
µA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
(2)
Input High Voltage
2
VCC + 1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –1mA
3.6
V
Output High Voltage CMOS
IOH = –100µA
VCC – 0.7V
V
Symbol
Alt
Parameter
Test Condition (1)
M27C512
Unit
-45 (3)
-60
-70
-80
MinMax
MinMax
MinMax
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E = VIL, G = VIL
45
60
70
80
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
45
60
70
80
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E = VIL
25
30
35
40
ns
tEHQZ
(2)
tDF
Chip Enable High
to Output Hi-Z
G = VIL
0250
25
030030
ns
tGHQZ
(2)
tDF
Output Enable
High to Output Hi-Z
E = VIL
0250
25
030030
ns
tAXQX
tOH
Address Transition
to Output Transition
E = VIL, G = VIL
0
000
ns


同様の部品番号 - M27C512-15N3X

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27C512-15N3 STMICROELECTRONICS-M27C512-15N3 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
More results

同様の説明 - M27C512-15N3X

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com