データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1161LI-25-T3 データシート(PDF) 3 Page - Catalyst Semiconductor

部品番号 CAT1161LI-25-T3
部品情報  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1161LI-25-T3 データシート(HTML) 3 Page - Catalyst Semiconductor

  CAT1161LI-25-T3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1161LI-25-T3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1161LI-25-T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1161LI-25-T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1161LI-25-T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1161LI-25-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1161LI-25-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1161LI-25-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1161LI-25-T3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT1161, CAT1162
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-3002 Rev. G
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
VCC = 2.7V to 6V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC
Power Supply Current
fSCL = 100 KHz
3
mA
VCC = 3.3V
40
µA
ISB
Standby Current
VCC = 5
50
µA
ILI
Input Leakage Current
VIN = GND or VCC
2
µA
ILO
Output Leakage Current
VIN = GND or VCC
10
µA
VIL
Input Low Voltage
-1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage (SDA)
IOL = 3 mA, VCC = 3.0V
0.4
V
CAPACITANCE
TA = 25ºC, f = 1.0MHz, VCC = 5V
Symbol
Test
Conditions
Max
Units
CI/O
(1)
Input/Output Capacitance (SDA)
VI/O = 0V
8
pF
CIN
(1)
Input Capacitance (SCL)
VIN = 0V
6
pF
A.C. CHARACTERISTICS
VCC = 2.7V to 6.0V unless otherwise specified. Output Load is 1 TTL Gate and 100pF.
Symbol
Parameter
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
TI
(1)
Noise Suppresion Time Constant at SCL, SDA Inputs
200
200
ns
tAA
SLC Low to SDA Data Out and ACK Out
3.5
1
µs
tBUF
(1)
Time the Bus Must be Free Before a New Transmission
Can Start
4.7
1.2
µs
tHD:STA
Start Condition Hold Time
4
0.6
µs
tLOW
Clock Low Period
4.7
1.2
µs
tHIGH
Clock High Period
4
0.6
µs
tSU:STA
Start Condition Setup Time (for a Repeated Start Condition)
4.7
0.6
µs
tHD:DAT
Data in Hold Time
0
0
ns
tSU:DAT
Data in Setup Time
50
50
ns
tR
(1)
SDA and SCL Rise Time
1
0.3
µs
tF
(1)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4
0.6
µs
tDH
Data Out Hold Time
100
100
ns
POWER-UP TIMING
(1)(2)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specific operation can be initiated.


同様の部品番号 - CAT1161LI-25-T3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1161LI-25-G ONSEMI-CAT1161LI-25-G Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1161LI-25-G ONSEMI-CAT1161LI-25-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
CAT1161LI-25-G ONSEMI-CAT1161LI-25-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161LI-25-G ONSEMI-CAT1161LI-25-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161LI-25-GT2 CATALYST-CAT1161LI-25-GT2 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results

同様の説明 - CAT1161LI-25-T3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com