データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1321ZD2I-42GT3 データシート(PDF) 3 Page - Catalyst Semiconductor

部品番号 CAT1321ZD2I-42GT3
部品情報  Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1321ZD2I-42GT3 データシート(HTML) 3 Page - Catalyst Semiconductor

  CAT1321ZD2I-42GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1321ZD2I-42GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1321ZD2I-42GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1321ZD2I-42GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1321ZD2I-42GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1321ZD2I-42GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1321ZD2I-42GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1321ZD2I-42GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1321ZD2I-42GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Advance Information
CAT1640, CAT1641
Doc No. MD-3012, Rev. B
D.C. OPERATING CHARACTERISTICS
VCC = +3.0V to +5.5V and over the recommended temperature conditions unless otherwise specified.
Notes:
1.
This parameter is tested initially and after a design or process change that affects the parameter. Not 100% tested.
2.
VIL min and VIH max are reference values only and are not tested.
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias .................... -40
°C to +85°C
Storage Temperature ........................ -65
°C to +105°C
Voltage on any Pin with
Respect to Ground(1) ............. -0.5V to +VCC +2.0V
VCC with Respect to Ground ................ -0.5V to +7.0V
Package Power Dissipation
Capability (TA = 25
°C) ................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(1) ........................ 100 mA
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
outside of those listed in the operational sections of this specification
is not implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability.
Note:
(1) Output shorted for no more than one second. No more than
one output shorted at a time.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
I
I
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
IV
N
I
c
c
V
o
t
D
N
G
=2
-0
1A
µ
I
O
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
OV
N
I
c
c
V
o
t
D
N
G
=0
1
-0
1A
µ
I
1
C
C
)
e
t
i
r
W
(
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
f
L
C
S
z
H
k
0
0
4
=
V
C
C
V
5
.
5
=
3A
m
I
2
C
C
)
d
a
e
R
(
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
f
L
C
S
z
H
k
0
0
4
=
V
C
C
V
5
.
5
=
1A
m
I
B
S
t
n
e
r
r
u
C
y
b
d
n
a
t
S
,
V
5
.
5
=
c
c
V
V
N
I
c
c
V
r
o
D
N
G
=
0
4A
µ
V
L
I
2
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I5
.
0
-c
c
V
x
3
.
0V
V
H
I
2
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
Ic
c
V
x
7
.
05
.
0
+
c
c
VV
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
,
A
D
S
(
T
E
S
E
R
)
I
L
O
A
m
3
=
V
C
C
V
0
.
3
=
4
.
0V
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
)
T
E
S
E
R
(
I
H
O
A
m
4
.
0
-
=
V
C
C
V
0
.
3
=
-
c
c
V
5
7
.
0
V
V
H
T
d
l
o
h
s
e
r
h
T
t
e
s
e
R
5
4
-
x
4
6
1
T
A
C
V
(
C
C
)
V
5
=
0
5
.
45
7
.
4
V
2
4
-
x
4
6
1
T
A
C
V
(
C
C
)
V
5
=
5
2
.
40
5
.
4
0
3
-
x
4
6
1
T
A
C
V
(
C
C
)
V
3
.
3
=
0
0
.
35
1
.
3
8
2
-
x
4
6
1
T
A
C
V
(
C
C
)
V
3
.
3
=
5
8
.
20
0
.
3
5
2
-
x
4
6
1
T
A
C
V
(
C
C
)
V
3
=
5
5
.
20
7
.
2
V
D
I
L
A
V
R
1
V
d
il
a
V
t
u
p
t
u
O
t
e
s
e
R
C
C
e
g
a
t
l
o
V0
0
.
1V
V
T
R
1
s
i
s
e
r
e
t
s
y
H
d
l
o
h
s
e
r
h
T
t
e
s
e
R5
1V
m


同様の部品番号 - CAT1321ZD2I-42GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1321ZD2I-42GT3 CATALYST-CAT1321ZD2I-42GT3 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
More results

同様の説明 - CAT1321ZD2I-42GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640 Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320_08 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com