データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1321WI-28GT3 データシート(PDF) 5 Page - Catalyst Semiconductor

部品番号 CAT1321WI-28GT3
部品情報  Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1321WI-28GT3 データシート(HTML) 5 Page - Catalyst Semiconductor

  CAT1321WI-28GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1321WI-28GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1321WI-28GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1321WI-28GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1321WI-28GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1321WI-28GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1321WI-28GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1321WI-28GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1321WI-28GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
CAT1320, CAT1321
Doc No. MD-3014, Rev. B
RESET CIRCUIT A.C. CHARACTERISTICS
Notes:
1.
Test Conditions according to “AC Test Conditions” table.
2.
Power-up, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table
3.
Power-Down, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table
4.
VCC Glitch Reference Voltage = VTHmin; Based on characterization data
5.
This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
6.
tPUR and tPUW are the delays required from the time VCC is stable until the specified memory operation can be initiated.
AC TEST CONDITIONS
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Max
Units
NEND(1)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR(1)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP(1)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH(1)(2)
Latch-Up
JEDEC Standard 17
100
mA
s
e
g
a
t
l
o
v
e
s
l
u
p
t
u
p
n
IV
2
.
0
C
C
V
8
.
0
o
t
C
C
s
e
m
i
t
ll
a
f
d
n
a
e
s
i
r
t
u
p
n
Is
n
0
1
s
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
t
u
p
n
IV
3
.
0
C
C
V
7
.
0
,
C
C
s
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
t
u
p
t
u
OV
5
.
0
C
C
d
a
o
L
t
u
p
t
u
O
I
:
e
c
r
u
o
S
t
n
e
r
r
u
C
L
O
;
A
m
3
=
C
L
F
p
0
0
1
=
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
t
s
e
T
s
n
o
i
t
i
d
n
o
C
n
i
Mp
y
Tx
a
Ms
t
i
n
U
t
T
S
R
U
P
t
u
o
e
m
i
T
t
e
s
e
R2
e
t
o
N0
3
10
0
20
7
2s
m
t
D
P
R
V
H
T
y
a
l
e
D
t
u
p
t
u
o
T
E
S
E
R
o
t3
e
t
o
N5
s
µ
t
H
C
T
I
L
G
V
C
C
h
t
d
i
W
e
s
l
u
P
t
c
e
j
e
R
h
c
t
il
G5
,
4
e
t
o
N0
3s
n
h
c
t
il
G
R
My
t
i
n
u
m
m
I
h
c
t
il
G
t
e
s
e
R
l
a
u
n
a
M5
e
t
o
N0
0
1s
n
t
W
R
M
h
t
d
i
W
e
s
l
u
P
R
M5
e
t
o
N5
s
µ
G
N
I
M
I
T
P
U
-
R
E
W
O
P
6
,
5
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
t
s
e
T
s
n
o
i
t
i
d
n
o
C
n
i
Mp
y
Tx
a
Ms
t
i
n
U
t
R
U
P
n
o
i
t
a
r
e
p
O
d
a
e
R
o
t
p
U
-
r
e
w
o
P
0
7
2s
m
t
W
U
P
n
o
i
t
a
r
e
p
O
e
t
i
r
W
o
t
p
U
-
r
e
w
o
P
0
7
2s
m
Notes:
1.
This parameter is tested initially and after a design or process change that affects the parameter. Not 100% tested.
2.
Latch-up protection is provided for stresses up to 100mA on input and output pins from -1V to VCC + 1V.


同様の部品番号 - CAT1321WI-28GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1321WI-28GT3 CATALYST-CAT1321WI-28GT3 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
More results

同様の説明 - CAT1321WI-28GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640 Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
CAT1640 CATALYST-CAT1640_07 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
N84C163 ONSEMI-N84C163 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
N84C161 ONSEMI-N84C161 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com