データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5320A データシート(PDF) 8 Page - Nippon Precision Circuits Inc

部品番号 SM5320A
部品情報  5-channel Video Buffer with Built-in wideband LPF
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5320A データシート(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5320A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5320A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5320A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5320A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5320A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5320A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5320A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5320A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5320A Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SM5320A
SEIKO NPC CORPORATION —8
Analog Characteristics
Analog input characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, GS1 = 04h, GS2 = 04h,
RL = 300Ω, CH-1 set to clamp input, CH-2 and CH-3 set to bias input, FCDATA = 227, unless otherwise noted.
Filter and filter bypass mode frequency characteristics (CH-1, CH-2, CH-3)
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, GS1 = 04h,
RL = 300Ω, CH-1 set to clamp input, CH-2 and CH-3 set to bias input, FCDATA = 227, unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Clamp voltage 1
VCLMP1
Clamp input, no signal input,
IN1, IN2, IN3
1.80
2.00
2.20
V
I
Clamp voltage 2
VCLMP2
No signal input, YIN
1.45
1.65
1.85
V
I
Bias voltage 1
VBIAS1
Bias input, no signal input,
IN1, IN2, IN3
2.25
2.45
2.65
V
I
Bias voltage 2
VBIAS2
No signal input, CIN
2.10
2.30
2.50
V
I
Input resistance
RBIAS
Bias input, IN1, IN2, IN3, CIN
20
k
II
Input voltage
(CH-1, CH-2, CH-3)*1
*1. This item represents values of maximum input signal amplitude in which the output distortion rate shown in the condition column is filled. When the
signal amplitude that exceeds this specification value is input, the output distortion rate is deteriorated. When using this device, the input signal level
should be set not to exceed the standard value of the signal amplitude.
VAI1
THD
< 1.0%, IN1, IN2, IN3
−−
1.4
Vp-p
I
Input voltage (Y)*1
VAI2
THD
< 1.5%, YIN
−−
1.4
Vp-p
I
Input voltage (C)*1
VAI3
THD
< 1.5%, CIN
−−
1.0
Vp-p
I
Crosstalk between channels
XTLK
fin = 1MHz, between each channel
70
dB
II
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Cutoff frequency
FC1
FCDATA = 0
4.10
MHz
II
FC2
FCDATA = 10
4.99
5.68
6.37
MHz
I
FC3
FCDATA = 227
31.0
35.3
39.6
MHz
I
FC4
FCDATA = 255
42.7
MHz
II
Half fc mode cutoff frequency
ratio
Rhalf1
Half fc mode, FCDATA = 10
44
49
54
%
I
Rhalf2
Half fc mode, FCDATA = 227
46
51
56
%
I
4fc attenuation
GSB
fin
≥ 4fc, attenuation from fin = 100kHz
50
dB
II
Filter bypass mode passband*1
*1. The passband that the attenuation from fin = 100kHz is
≤ 1dB. AVB (FBP) – AVB (100kHz) ≥ –1dB
FBP
Filter bypass mode, VIN = 0.7Vp-p
74.25
80
MHz
II


同様の部品番号 - SM5320A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
   Low EMI Spectrum Spread Clock
logo
Silicon Microstructures...
SM5321 SMI-SM5321 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5321BBES100000 SMI-SM5321BBES100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5321BBET100000 SMI-SM5321BBET100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5321BCES100000 SMI-SM5321BCES100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
More results

同様の説明 - SM5320A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5304AV NPC-SM5304AV Datasheet
244Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
   3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
logo
Sanyo Semicon Device
LV7150V_0712 SANYO-LV7150V_0712 Datasheet
107Kb / 7P
   Switch for the Wideband Video Signal (with LPF)
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Intersil Corporation
ISL59119 INTERSIL-ISL59119 Datasheet
986Kb / 10P
   Triple Channel Video Driver with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com