データシートサーチシステム |
|
SM4T24 データシート(PDF) 6 Page - STMicroelectronics |
|
SM4T24 データシート(HTML) 6 Page - STMicroelectronics |
6 / 7 page SOD 6 (Plastic). Packaging : standard packaging is in film. PACKAGE MECHANICAL DATA F BC D a1 A E ORDER CODE SM 4 T 100 C A TOLERANCE : A= +/- 5% = +/- 10% Ref Millimeters Inches min max min max A 2.48 2.61 0.096 0.103 a1 0.10 0.20 0.004 0.008 B 1.96 2.11 0.077 0.083 C 3.65 3.93 0.143 0.155 D 5.39 5.59 0.212 0.220 E 4.15 4.30 0.163 0.170 F 1.00 1.27 0.039 0.050 Weight = 0.12 g. BIDIRECTIONAL SURFACE MOUNT BREAKDOWN VOLTAGE MARKING : Logo, Date Code, Type Code, Cathode Band (for unidirectional types only). 400 WATT a bb c FOOTPRINT DIMENSIONS (Millimeter). SOD 6 Plastic. Ref Millimeters a2.75 b1.52 c2.30 SM4Txx 6/7 |
同様の部品番号 - SM4T24 |
|
同様の説明 - SM4T24 |