データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMW48S5-3000 データシート(PDF) 1 Page - Wall Industries,Inc.

部品番号 DMW48S5-3000
部品情報  Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALL [Wall Industries,Inc.]
ホームページ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW48S5-3000 データシート(HTML) 1 Page - Wall Industries,Inc.

  DMW48S5-3000 Datasheet HTML 1Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 2Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 3Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 4Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 5Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 6Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 7Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 8Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DMW Ultra Wide Series
Single and Dual Output
15 Watt DC/DC Converter
4:1 Ultra Wide Input Voltage Range
FEATURES
● 1500VDC Isolation
● Efficiency up to 86%
● Six-Sided Shielding
● MTBF>700,000 Hours
● Remote On/Off Control
● UL1950 Safety Approval
● Internal SMT Construction
● 4:1 Ultra Wide Input Range
● UL 94V-0 Package Material
● Complies with EN55022 Class A
SPECIFICATIONS: DMW Ultra Wide Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Operating Voltage Range
9-36, 18-75
VDC
Start Voltage (24V input models)
8
8.5
9
VDC
Start Voltage (48V input models)
15
17
18
VDC
Under Voltage Shutdown (24V input models)
7
8
8.5
VDC
Under Voltage Shutdown (48V input models)
13
15
17
VDC
Reverse Polarity Input Current
1
A
Short Circuit Input Power
3500
mW
Input Surge Voltage (1000ms) (24V input models)
-0.7
50
VDC
Input Surge Voltage (1000ms) (48V input models)
-0.7
100
VDC
Input Filter
Pi Filter
OUTPUT (Vo)
Output Voltage Range
See Rating Chart
Output Voltage Accuracy
±1.0
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.5
±2.0
%
Load Regulation
Io = 10% to 100%
±0.5
±1.0
%
Line Regulation
Vin = min. to max.
±0.1
±0.5
%
Output Power
15
W
Output Current Range
See Rating Chart
Ripple & Noise (peak to peak)
20MHz
55
80
mVpk-pk
Ripple & Noise (peak to peak)
Over Line, Load, and Temperature
100
mVpk-pk
Ripple & Noise
15
mVrms
Transient Recovery Time
25% load step change
300
500
µs
Transient Response Deviation
25% load step change
±2
±4
%
REMOTE ON/OFF
Supply On
2.5 to 5.5VDC or Open Circuit
Supply Off
-0.7
0.8
VDC
Standby Input Current
10
mA
Control Input Current (On)
Vin – RC = 5.0V
50
mA
Control Input Current (Off)
Vin – RC = 0V
-1
mA
Control Common
Referenced to negative input
PROTECTION
Over Power Protection
120
%
Short Circuit Protection
Continuous
Input Fuse Recommendation (24V input models)
2500mA Slow-Blow Type
Input Fuse Recommendation (48V input models)
1250mA Slow-Blow Type
GENERAL
Efficiency
See Rating Chart
Switching Frequency
290
330
400
KHz
Isolation Voltage Rated
60 seconds
1500
VDC
Isolation Voltage Test
Flash Test for 1 second
1650
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
100KHz, 1V
1200
1500
pF
Internal Power Dissipation
5,000
mW


同様の部品番号 - DMW48S5-3000

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
DMW48S5-3000 WALL-DMW48S5-3000 Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
DMW48S5-3000 WALL-DMW48S5-3000 Datasheet
294Kb / 6P
   Single and Dual Output
More results

同様の説明 - DMW48S5-3000

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
MDW WALL-MDW Datasheet
256Kb / 3P
   Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANC8UW WALL-LANC8UW Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANCUW12 WALL-LANCUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
MSKUW WALL-MSKUW_16 Datasheet
204Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
JRW24S33-2500 WALL-JRW24S33-2500 Datasheet
146Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW24S33-33 WALL-DBW24S33-33 Datasheet
162Kb / 3P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com