データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMW48S12-1250 データシート(PDF) 3 Page - Wall Industries,Inc.

部品番号 DMW48S12-1250
部品情報  Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALL [Wall Industries,Inc.]
ホームページ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW48S12-1250 データシート(HTML) 3 Page - Wall Industries,Inc.

  DMW48S12-1250 Datasheet HTML 1Page - Wall Industries,Inc. DMW48S12-1250 Datasheet HTML 2Page - Wall Industries,Inc. DMW48S12-1250 Datasheet HTML 3Page - Wall Industries,Inc. DMW48S12-1250 Datasheet HTML 4Page - Wall Industries,Inc. DMW48S12-1250 Datasheet HTML 5Page - Wall Industries,Inc. DMW48S12-1250 Datasheet HTML 6Page - Wall Industries,Inc. DMW48S12-1250 Datasheet HTML 7Page - Wall Industries,Inc. DMW48S12-1250 Datasheet HTML 8Page - Wall Industries,Inc. DMW48S12-1250 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DMW Ultra Wide Series
Single and Dual Output
15 Watt DC/DC Converter
4:1 Ultra Wide Input Voltage Range
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
SINGLE OUTPUT
DUAL OUTPUT
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
6
Remote ON/OFF (Optional)
With Heatsink
Standard
1. All dimensions in Inches (mm)
Tolerance: X.X±0.0.1 (X.X±0.25)
X.XX±0.005 (X.XX±0.13)
2. Pin: ±0.002(±0.05)
The Advantages of adding a Heatsink:
1. To help heat dissipation and increase the stability and
reliability of DC/DC converters at high operating temperature
atmosphere.
2. To upgrade the operating temperature of DC/DC converters,
please refer to the Derating Curve.
The DMW Series converter is encapsulated in a low thermal resistance molding compound that has excellent
resistance/electrical characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.


同様の部品番号 - DMW48S12-1250

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
DMW48S12-1250 WALL-DMW48S12-1250 Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
DMW48S12-1250 WALL-DMW48S12-1250 Datasheet
294Kb / 6P
   Single and Dual Output
More results

同様の説明 - DMW48S12-1250

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
MDW WALL-MDW Datasheet
256Kb / 3P
   Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANC8UW WALL-LANC8UW Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANCUW12 WALL-LANCUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
MSKUW WALL-MSKUW_16 Datasheet
204Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
JRW24S33-2500 WALL-JRW24S33-2500 Datasheet
146Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW24S33-33 WALL-DBW24S33-33 Datasheet
162Kb / 3P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com