データシートサーチシステム |
|
CS51413ED8 データシート(PDF) 7 Page - ON Semiconductor |
|
CS51413ED8 データシート(HTML) 7 Page - ON Semiconductor |
7 / 20 page CS51411, CS51412, CS51413, CS51414 http://onsemi.com 7 APPLICATIONS INFORMATION THEORY OF OPERATION V2 Control The CS5141X family of buck regulators utilizes a V2 control technique and provides a high level of integration to enable high power density design optimization. Every pulse width modulated controller configures basic control elements such that when connected to the feedback signal of a power converter, sufficient loop gain and bandwidth is available to regulate the voltage set point against line and load variations. The arrangement of these elements differentiates a voltage mode, or a current mode controller from a V2 device. Figure 3 illustrates the basic architecture of a V2 controller. Figure 3. V2 Control Latch/Drive Switch Clock PWM V2 Control Ramp Error Amplifier VREF VO Z2 - + Z1 VFB In common with V mode or I mode, the feedback signal is compared with a reference voltage to develop an error signal which is fed to one input of the PWM. The second input to the PWM, however, is neither a fixed voltage ramp nor the switch current, but rather the feedback signal from the output of the converter. This feedback signal provides both DC information as well as AC information (the control ramp) for the converter to regulate its set point. The control architecture is known as V2 since both PWM inputs are derived from the converter's output voltage. This is a little misleading because the control ramp is typically generated from current information present in the converter. The feedback signal from the buck converter shown in Figure 4 is processed in one of two ways before being routed to the inputs of the PWM comparator. The Fast Feedback path (FFB) adds slope compensation to the feedback signal before passing it to one input of the PWM. The Slow Feedback path (SFB) compares the original feedback signal against a DC reference. The error signal generated at the output of the error amplifier VC is filtered by a low frequency pole before being routed to the second input of the PWM. Each switch cycle is initiated (S1 on), when the output latch is set by the oscillator. Each switch cycle terminates (S1 off), when the FFB signal (AC plus output DC) exceeds SFB (error DC), and the output latch is reset. In the event of a load transient, the FFB signal changes faster, in relation to the filtered SFB signal, causing duty cycle modulation to occur. Actual oscilloscope waveforms taken from the converter show the switch node VSWITCH, the error signal VC and the feedback signal VFB (AC component only) are shown in Figure 5. Figure 4. Buck Converter with V2 Control Buck Controller FFB VREF + Duty Cycle V2 Control Error Amplifier PWM Com‐ parator R1 Oscillator - VO SFB VIN Latch Slope Comp L1 C1 D1 R2 S R VC S1 Figure 5. VSWITCH VSWITCH VC VFB In the event of a load transient, the FFB signal changes faster, in relation to the filtered SFB signal, causing duty cycle modulation to occur. By this means the converter's transient response time is independent of the error amplifier bandwidth. The error amplifier is used here to ensure excellent DC accuracy. In order for the controller to operate optimally, a stable ramp is required at the feedback pin. |
同様の部品番号 - CS51413ED8 |
|
同様の説明 - CS51413ED8 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |