データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS51413GD8G データシート(PDF) 5 Page - ON Semiconductor

部品番号 CS51413GD8G
部品情報  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51413GD8G データシート(HTML) 5 Page - ON Semiconductor

  CS51413GD8G Datasheet HTML 1Page - ON Semiconductor CS51413GD8G Datasheet HTML 2Page - ON Semiconductor CS51413GD8G Datasheet HTML 3Page - ON Semiconductor CS51413GD8G Datasheet HTML 4Page - ON Semiconductor CS51413GD8G Datasheet HTML 5Page - ON Semiconductor CS51413GD8G Datasheet HTML 6Page - ON Semiconductor CS51413GD8G Datasheet HTML 7Page - ON Semiconductor CS51413GD8G Datasheet HTML 8Page - ON Semiconductor CS51413GD8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (-40
°C < TJ < 125°C (CS51411E/2E/3E/4E); -40°C < TA < 85°C (CS51411E/2E/3E/4E);
0
°C < TA < 70°C (CS51411G/2G/3G/4G), 4.5 V< VIN < 40 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Sync
Sync Frequency Range
CS51411/CS51412
305
-
470
kHz
Sync Frequency Range
CS51413/CS51414
575
-
880
kHz
Sync Pin Bias Current
VSYNC = 0 V
VSYNC = 5.0 V
-
250
0.1
360
0.2
460
mA
mA
Sync Threshold Voltage
-
1.0
1.5
1.9
V
Shutdown
Shutdown Threshold Voltage
-
1.0
1.3
1.6
V
Shutdown Pin Bias Current
VSHDNB = 0 V
0.14
5.00
35
mA
Thermal Shutdown
Overtemperature Trip Point
(Note 5)
175
185
195
°C
Thermal Shutdown Hysteresis
(Note 5)
-
42
-
°C
General
Quiescent Current
ISW = 0 A
3.0
4.0
6.25
mA
Shutdown Quiescent Current
VSHDNB = 0 V
8.0
20
85
mA
Boost Operating Current
VBOOST - VSW = 2.5 V
6.0
15
40
mA/A
Minimum Boost Voltage
(Note 5)
-
-
2.5
V
Startup Voltage
-
2.2
3.3
4.4
V
Minimum Output Current
-
-
7.0
12
mA
5. Guaranteed by design, not 100% tested in production.


同様の部品番号 - CS51413GD8G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS51413GD8G ONSEMI-CS51413GD8G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51413GD8G ONSEMI-CS51413GD8G Datasheet
283Kb / 20P
   Low Voltage Buck Regulators
May, 2013 ??Rev. 21
More results

同様の説明 - CS51413GD8G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411 ONSEMI-CS51411_12 Datasheet
290Kb / 20P
   1.5 A, 260 kHz and 520 kHz Low Voltage Buck Regulators with External Bias or Synchronization Capability
November, 2012 ??Rev. 20
CS51411 ONSEMI-CS51411 Datasheet
489Kb / 16P
   1.5A, 260 kHz AND 520 kHz, LOW VOLTAGE BUCK REGULATORS WITH EXTERNAL BIAS OR SYNCHRONIZATION CAPABILITY
September, 2002 ??Rev. 11
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com