データシートサーチシステム |
|
SM4T33C データシート(PDF) 2 Page - STMicroelectronics |
|
SM4T33C データシート(HTML) 2 Page - STMicroelectronics |
2 / 7 page ELECTRICAL CHARACTERISTICS I I F V F V VCL VBR VRM I PP I RM V Symbol Parameter VRM Stand-off voltage. VBR Breakdown voltage. VCL Clamping voltage. IRM Leakage current @ VRM. IPP Surge current. αT Voltage temperature coefficient. VF Forward Voltage drop VF < 3.5V @ IF = 25 A. Symbol Parameter Value Unit Rth (j-l) Junction-leads on infinite heatsink 20 °C/W Rth (j-a) Junction to ambiant. on printed circuit. With standard footprint dimensions. 100 °C/W THERMAL RESISTANCES TYPES IRM @ VRM VBR @ IR VCL @ IPP VCL @ IPP αTC max min nom max max max max typ note2 10/1000 µs8/20µs note3 note4 Uni directional * Bi directional * µA V V V V mA VA VA 10-4/ °C(PF) SM4T6V8 SM4T6V8A SM4T7V5 SM4T7V5A SM4T10 SM4T10A SM4T12 SM4T12A SM4T15 SM4T15A SM4T18 SM4T18A SM4T22 SM4T22A SM4T24 SM4T24A SM4T27 SM4T27A SM4T30 SM4T30A SM4T33 SM4T33A SM4T36 SM4T36A SM4T39 SM4T39 QD QE QF QG QN QP QS QT QW QX RD RE RH RK RL RM RN RP RQ RR RS RT RU RV RW RX SM4T6V8C SM4T6V8CA SM4T7V5C SM4T7V5CA SM4T10C SM4T10CA SM4T12C SM4T12CA SM4T15C SM4T15CA SM4T18C SM4T18CA SM4T22C SM4T22CA SM4T24C SM4T24CA SM4T27C SM4T27CA SM4T30C SM4T30C4 SM4T33C SM4T33CA SM4T36C SM4T36CA SM4T39C SM4T39 VD VE VF VG VN VP VS VT VW VX UD UE UH UK UL UM UN UP UQ UR US UT UU UV UW UX 1000 1000 500 500 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5.8 5.8 6.4 6.4 8.55 8.55 10.2 10.2 12.8 12.8 15.3 15.3 18.8 18.8 20.5 20.5 23.1 23.1 25.6 25.6 28.2 28.2 30.8 30.8 33.3 33.3 6.45 6.45 7.13 7.13 9.5 9.5 11.4 11.4 14.3 14.3 17.1 17.1 20.9 20.9 22.8 22.8 25.7 25.7 28.5 28.5 31.4 31.4 34.2 34.2 37.1 37.1 6.8 6.8 7.5 7.5 10 10 12 12 15 15 18 18 22 22 24 24 27 27 30 30 33 33 36 36 39 39 7.48 7.14 8.25 7.88 11 10.5 13.2 12.6 16.5 15.8 19.8 18.9 24.2 23.1 26.4 25.2 29.7 28.4 33 31.5 36.3 34.7 39.6 37.8 42.9 41.0 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 10.5 10.5 11.3 11.3 14.5 14.5 16.7 16.7 21.2 21.2 25.2 25.2 30.6 30.6 33.2 33.2 37.5 37.5 41.5 41.5 45.7 45.7 49.9 49.9 53.9 53.9 38 38 35.4 35.4 27.6 27.6 24 24 19 19 16 16 13 13 12 12 10.7 10.7 9.6 9.6 8.8 8.8 8 8 7.4 7.4 13.4 13.4 14.5 14.5 18.6 18.6 21.7 21.7 27.2 27.2 32.5 32.5 39.3 39.3 42.8 42.8 48.3 48.3 53.5 53.5 59.0 59.0 64.3 64.3 69.7 69.7 174 174 160 160 124 124 106 106 85 85 71 71 59 59 54 54 48 48 43 43 39 39 36 36 33 33 5.7 5.7 6.1 6.1 7.3 7.3 7.8 7.8 8.4 8.4 8.8 8.8 9.2 9.2 9.4 9.4 9.6 9.6 9.7 9.7 9.8 9.8 9.9 9.9 10.0 10.0 3500 3500 3100 3100 2000 2000 1550 1550 1200 1200 975 975 800 800 725 725 625 625 575 575 510 510 480 480 450 450 142 SM4Txx 2/7 |
同様の部品番号 - SM4T33C |
|
同様の説明 - SM4T33C |