データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM4T36CA データシート(PDF) 3 Page - STMicroelectronics

部品番号 SM4T36CA
部品情報  TRANSIL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T36CA データシート(HTML) 3 Page - STMicroelectronics

  SM4T36CA Datasheet HTML 1Page - STMicroelectronics SM4T36CA Datasheet HTML 2Page - STMicroelectronics SM4T36CA Datasheet HTML 3Page - STMicroelectronics SM4T36CA Datasheet HTML 4Page - STMicroelectronics SM4T36CA Datasheet HTML 5Page - STMicroelectronics SM4T36CA Datasheet HTML 6Page - STMicroelectronics SM4T36CA Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
143
Note 1 :
Note 2 :
Note 3 :
Note 4 :
For surges greater than the maximum values,
the diode will present a short-circuit Anode - Cathode.
Pulse test: TP < 50 ms.
∆VBR = αT * (Ta - 25) * VBR(25°C).
VR = 0 V, F = 1 MHz. For bidirectional types,
capacitance value is divided by 2.
All parameters tested at 25
°C, except where indicated.
* = Marking
0
0%
20
40
60
80
100 %
%
%
%
%
20
40
60
80
100 120 140 160 180 200
Tamb (˚c)
Peak Power
(on printed circuit).
Average Power
(on infinite heatsink).
Figure 1: Power dissipation derating versus
ambient temperature
10 s
1000 s
%I PP
50
0
t
PULSE WAVEFORM 10/1000
s
100
TYPES
IRM @ VRM
VBR
@
IR
VCL @ IPP VCL @ IPP
αTC
max
min nom max
max
max
max
typ
note2
10/1000
µs8/20µs
note3
note4
Uni
directional
*
Bi
directional
*
µA
V
V
V
V
mA
VA
VA
10-4/
°C(PF)
SM4T68
SM4T68A
SM4T100
SM4T100A
SM4T150
SM4T150A
SM4T200
SM4T200A
SM4T220
SM4T220A
SN
SP
SW
SX
TH
TK
TS
TT
TU
TV
SM4T68C
SM4T68CA
SM4T100C
SM4T100CA
SM4T150C
SM4T150CA
SM4T200C
SM4T200CA
SM4T220C
SM4T220CA
WN
WP
WW
WX
XH
XK
XS
XT
XU
XV
5
5
5
5
5
5
5
5
5
5
58.1
58.1
85.5
85.5
128
128
171
171
188
188
64.6
64.6
95.0
95.0
143
143
190
190
209
209
68
68
100
100
150
150
200
200
220
220
74.8
71.4
110
105
165
158
220
210
242
231
1
1
1
1
1
1
1
1
1
1
92
92
137
137
207
207
274
274
328
328
4.3
4.3
2.9
2.9
2.0
2.0
1.5
1.5
1.4
1.4
121
121
178
178
265
265
353
353
388
388
19
19
13
13
9
9
6.5
6.5
6
6
10.4
10.4
10.6
10.6
10.8
10.8
10.8
10.8
10.8
10.8
270
270
200
200
145
145
120
120
110
110
SM4Txx
3/7


同様の部品番号 - SM4T36CA

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SM4T36CA SUNMATE-SM4T36CA Datasheet
651Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T36CA SUNMATE-SM4T36CA Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

同様の説明 - SM4T36CA

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com