データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX2148A データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 CX2148A
部品情報  RF TRANSFORMER For Wideband RF Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CX2148A データシート(HTML) 1 Page - Pulse A Technitrol Company

  CX2148A Datasheet HTML 1Page - Pulse A Technitrol Company CX2148A Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical
Schematic
SUGGESTED PAD LAYOUT
5X .039
1,00
.059
1,50
.118
3,00
.114
2,90
.236
6,00
C2073/CX2148
Date Code Country of Origin
.169 ± .004
4,30 ± 0,10
.106
2,69
.059
1,50
.118
3,00
.209 ± .004
5,30 ± 0,10
.028 ± .004
0,71 ± 0,10
Pin 1
.154 dia.
3,91 dia.
NOTE: C2073A and
CX2148A has
optional cover plate
.002/0,05
5 SURFACES
.003 ± .002
0,08 ± 0,05
.150 MAX
3,81 MAX
5X 0° – 8°
5X .030
0,76
RF TRANSFORMER
For Wideband RF Applications
For single-ended to balanced applications
Value-oriented construction
Small surface mount package
Excellent insertion loss
Various impedance ratios available
C2073/CX2148
4
6
3
1
SEC:PRI
2
Standard
RoHS-6
Part
Compliant
Impedance Ratio 1
Turns Ratio 1
Insertion Loss 2
Amplitude Balance 2
Phase Balance 2
Return Loss
Number
Part No.
Pri:Sec (±2%)
Pri:Sec (±2%)
(dB TYP/MAX)
(dB TYP/MAX)
(degrees TYP/MAX)
(dB TYP/MIN)
C2073
C2073NL
1:4CT
1:2CT
5-65MHz:
65-200MHz:
5-65MHz:
65-200MHz:
5-65MHz:
65-200MHz:
5-65MHz:
65-200MHz:
C2073A
C2073ANL
0.50/0.70
0.80/1.20
0.01/0.02
0.02/0.05
0.4/2.0
2.0/5.0
20/15
13/7.0
CX2148
CX2148NL
1:1CT
1:1CT
5-50 MHz:
5-50 MHz:
5-50 MHz:
5-50 MHz:
CX2148A
CX2148ANL
0.50dB MAX
0.10dB MAX
2° MAX
20dB MIN
NOTE: Part with cover plate is designated C2073A or CX2148A. Optional Tape & Reel packaging can be ordered by adding a “T” suffix to the part number
(ex: C2073T, C2073AT or C2073NLT).
Electrical Specifications @ 25°C
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 5538070 •• Taiwan 886 3 4641811
www.pulseeng.com
C224.B (2/06)


同様の部品番号 - CX2148A

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
CX2148A PULSE-CX2148A Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results

同様の説明 - CX2148A

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
CX2074 PULSE-CX2074 Datasheet
55Kb / 2P
   RF TRANSFORMER For Wideband RF Applications
logo
List of Unclassifed Man...
7336-1 ETC1-7336-1 Datasheet
103Kb / 1P
   RF Wideband Transformer
logo
PCA ELECTRONICS INC.
EPA3877G PCA-EPA3877G_15 Datasheet
27Kb / 1P
   Wideband RF Transformer
EPR1625GE PCA-EPR1625GE Datasheet
40Kb / 1P
   Wideband RF Transformer
EPA3877G PCA-EPA3877G Datasheet
27Kb / 1P
   Wideband RF Transformer
EPA3923SE PCA-EPA3923SE Datasheet
40Kb / 1P
   Wideband RF Transformer
logo
Pulse A Technitrol Comp...
C203 PULSE-C203 Datasheet
316Kb / 3P
   RF TRANSFORMERS Transformers for Wideband RF Applications
logo
Datatronic Distribution...
PT108-1 DATATRONICS-PT108-1 Datasheet
106Kb / 1P
   WIDEBAND RF TRANSFORMER
logo
Bel Fuse Inc.
S554-5999-15 BEL-S554-5999-15 Datasheet
26Kb / 2P
   CABLE MODEM MAGNETICS Wideband RF Transformer
logo
List of Unclassifed Man...
DP-322 ETC2-DP-322 Datasheet
317Kb / 1P
   Wideband RF/Pulse Transformer 5-500 MHz
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com