データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3122D2 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3122D2
部品情報  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3122D2 データシート(HTML) 9 Page - Texas Instruments

Back Button TPA3122D2 Datasheet HTML 5Page - Texas Instruments TPA3122D2 Datasheet HTML 6Page - Texas Instruments TPA3122D2 Datasheet HTML 7Page - Texas Instruments TPA3122D2 Datasheet HTML 8Page - Texas Instruments TPA3122D2 Datasheet HTML 9Page - Texas Instruments TPA3122D2 Datasheet HTML 10Page - Texas Instruments TPA3122D2 Datasheet HTML 11Page - Texas Instruments TPA3122D2 Datasheet HTML 12Page - Texas Instruments TPA3122D2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
−30
−20
−10
0
10
20
30
f − Frequency − Hz
G020
−400
−500
−600
−700
−300
−200
20
100
1k
200k
10k
Phase
Gain
Gain=20dB
PO =0.125W
RL =8 Ω (BTL)
VCC =24V
L filt =33 mH
Cfilt =1 F
m
PO − Output Power − W
0.1
0.01
0.001
G019
Gain = 20 dB
RL = 8 Ω (BTL)
1
10
0.01
0.1
1
50
10
VCC = 24 V
VCC = 18 V
VCC = 12 V
PVCC − Supply Voltage − V
0
10
20
30
40
50
60
70
10
12
14
16
18
20
22
24
26
28
30
G021
Gain = 20 dB
RL = 8 Ω (BTL)
THD+N = 10%
THD+N = 1%
PO − Output Power − W
0
20
40
60
80
100
0
4
8
12
16
20
24
28
G022
Gain = 20 dB
RL = 8 Ω (BTL)
VCC = 12 V
VCC = 18 V
VCC = 24 V
PO − Total Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
4
8
12
16
20
24
28
G023
Gain = 20 dB
RL = 8 Ω (BTL)
VCC = 24 V
VCC = 12 V
VCC = 18 V
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G024
Gain = 20 dB
RL = 8 Ω (BTL)
VCC = 24 V
Vripple = 200 mVp-p
20
100
1k
20k
10k
TPA3122D2
SLOS527A – DECEMBER 2007 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE
GAIN/PHASE
vs
vs
OUTPUT POWER (BTL)
FREQUENCY (BTL)
Figure 19.
Figure 20.
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE (BTL)
OUTPUT POWER (BTL)
Figure 21.
Figure 22.
SUPPLY CURRENT
POWER SUPPLY REJECTION RATIO
vs
vs
TOTAL OUTPUT POWER (BTL)
FREQUENCY (BTL)
Figure 23.
Figure 24.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPA3122D2


同様の部品番号 - TPA3122D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3122D2 TI1-TPA3122D2 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3122D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com