データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK11C88-NF45 データシート(PDF) 11 Page - Simtek Corporation

部品番号 STK11C88-NF45
部品情報  32Kx8 SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMTEK [Simtek Corporation]
ホームページ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C88-NF45 データシート(HTML) 11 Page - Simtek Corporation

Back Button STK11C88-NF45 Datasheet HTML 7Page - Simtek Corporation STK11C88-NF45 Datasheet HTML 8Page - Simtek Corporation STK11C88-NF45 Datasheet HTML 9Page - Simtek Corporation STK11C88-NF45 Datasheet HTML 10Page - Simtek Corporation STK11C88-NF45 Datasheet HTML 11Page - Simtek Corporation STK11C88-NF45 Datasheet HTML 12Page - Simtek Corporation STK11C88-NF45 Datasheet HTML 13Page - Simtek Corporation STK11C88-NF45 Datasheet HTML 14Page - Simtek Corporation STK11C88-NF45 Datasheet HTML 15Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
STK11C88
Jan, 2008
Document Control #ML0012 Rev 2.0
BEST PRACTICES
nvSRAM products have been used effectively for
over 15 years. While ease-of-use is one of the
product’s main system values, experience gained
working with hundreds of applications has resulted
in the following suggestions as best practices:
• The non-volatile cells in an nvSRAM are pro-
grammed on the test floor during final test and
quality assurance. Incoming inspection routines
at customer or contract manufacturer’s sites will
sometimes reprogram these values. Final NV
patterns are typically repeating patterns of AA,
55, 00, FF, A5, or 5A. End product’s firmware
should not assume an NV array is in a set pro-
grammed state. Routines that check memory
content values to determine first time system
configuration, cold or warm boot status, etc.
should always program a unique NV pattern
(e.g., complex 4-byte pattern of 46 E6 49 53 hex
or more random bytes) as part of the final sys-
tem manufacturing test to ensure these system
routines work consistently.
• Power up boot firmware routines should rewrite
the nvSRAM into the desired state. While the
nvSRAM is shipped in a preset state, best prac-
tice is to again rewrite the nvSRAM into the
desired state as a safeguard against events that
might flip the bit inadvertently (program bugs,
incoming inspection routines, etc.).


同様の部品番号 - STK11C88-NF45

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK11C88-NF45 SIMTEK-STK11C88-NF45 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C88-NF45 CYPRESS-STK11C88-NF45 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C88-NF45I SIMTEK-STK11C88-NF45I Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C88-NF45I CYPRESS-STK11C88-NF45I Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C88-NF45ITR SIMTEK-STK11C88-NF45ITR Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
More results

同様の説明 - STK11C88-NF45

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK15C88 SIMTEK-STK15C88 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK11C68 SIMTEK-STK11C68 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK15C88 SIMTEK-STK15C88_08 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com