データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK14D88-RF45 データシート(PDF) 10 Page - Simtek Corporation

部品番号 STK14D88-RF45
部品情報  32Kx8 Autostore nvSRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMTEK [Simtek Corporation]
ホームページ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14D88-RF45 データシート(HTML) 10 Page - Simtek Corporation

Back Button STK14D88-RF45 Datasheet HTML 6Page - Simtek Corporation STK14D88-RF45 Datasheet HTML 7Page - Simtek Corporation STK14D88-RF45 Datasheet HTML 8Page - Simtek Corporation STK14D88-RF45 Datasheet HTML 9Page - Simtek Corporation STK14D88-RF45 Datasheet HTML 10Page - Simtek Corporation STK14D88-RF45 Datasheet HTML 11Page - Simtek Corporation STK14D88-RF45 Datasheet HTML 12Page - Simtek Corporation STK14D88-RF45 Datasheet HTML 13Page - Simtek Corporation STK14D88-RF45 Datasheet HTML 14Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Jan 2008
Document Control #ML0033 Rev 2.0
STK14D88
MODE SELECTION
E
W
G
A14-A0
Mode
I/O
Power
Notes
H
X
X
X
Not Selected
Output High Z
Standby
L
H
L
X
Read SRAM
Output Data
Active
L
L
X
X
Write SRAM
Input Data
Active
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x03F8
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
q,r,s
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x07F0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
q,r,s
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Output Data
Output Data
Output Data
Output Data
Output Data
Active
q,r,s
0x0FC0
Nonvolatile Store
Output High Z
ICC2
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
q,r,s
Notes
q: The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
r: While there are 15 addresses on the STK14D88, only the lower 14 are used to control software modes
s: I/O state depends on the state of G. The I/O table shown assumes G low


同様の部品番号 - STK14D88-RF45

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK14D88-RF45 ETC-STK14D88-RF45 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14D88-RF45 SIMTEK-STK14D88-RF45 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
List of Unclassifed Man...
STK14D88-RF45I ETC-STK14D88-RF45I Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14D88-RF45I SIMTEK-STK14D88-RF45I Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88-RF45ITR SIMTEK-STK14D88-RF45ITR Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
More results

同様の説明 - STK14D88-RF45

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com