データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK14CA8-RF45I データシート(PDF) 10 Page - Simtek Corporation

部品番号 STK14CA8-RF45I
部品情報  128Kx8 Autostore nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMTEK [Simtek Corporation]
ホームページ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14CA8-RF45I データシート(HTML) 10 Page - Simtek Corporation

Back Button STK14CA8-RF45I Datasheet HTML 6Page - Simtek Corporation STK14CA8-RF45I Datasheet HTML 7Page - Simtek Corporation STK14CA8-RF45I Datasheet HTML 8Page - Simtek Corporation STK14CA8-RF45I Datasheet HTML 9Page - Simtek Corporation STK14CA8-RF45I Datasheet HTML 10Page - Simtek Corporation STK14CA8-RF45I Datasheet HTML 11Page - Simtek Corporation STK14CA8-RF45I Datasheet HTML 12Page - Simtek Corporation STK14CA8-RF45I Datasheet HTML 13Page - Simtek Corporation STK14CA8-RF45I Datasheet HTML 14Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
Jan, 2008
Document Control #ML0022 Rev 2.1
STK14CA8
MODE SELECTION
E
W
G
A16-A0
Mode
I/O
Power
Notes
H
X
X
X
Not Selected
Output High Z
Standby
L
H
L
X
Read SRAM
Output Data
Active
L
L
X
X
Write SRAM
Input Data
Active
L
H
L
0x04E38
0x0B1C7
0x083E0
0x07C1F
0x0703F
0x08B45
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
q,r,s
L
H
L
0x04E38
0x0B1C7
0x083E0
0x07C1F
0x0703F
0x04B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
q,r,s
L
H
L
0x04E38
0x0B1C7
0x083E0
0x07C1F
0x0703F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Output Data
Output Data
Output Data
Output Data
Output Data
Active
q,r,s
0x08FC0
Nonvolatile Store
Output High Z
ICC2
L
H
L
0x04E38
0x0B1C7
0x083E0
0x07C1F
0x0703F
0x04C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
q,r,s
Notes
q: The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
r: While there are 17 addresses on the STK14CA8, only the lower 16 are used to control software modes
s: I/O state depends on the state of G. The I/O table shown assumes G low


同様の部品番号 - STK14CA8-RF45I

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK14CA8-RF45I ETC-STK14CA8-RF45I Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8-RF45I SIMTEK-STK14CA8-RF45I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-RF45I CYPRESS-STK14CA8-RF45I Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8-RF45ITR SIMTEK-STK14CA8-RF45ITR Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-RF45ITR CYPRESS-STK14CA8-RF45ITR Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
More results

同様の説明 - STK14CA8-RF45I

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com