データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX2520SB33000D0PESZZ データシート(PDF) 6 Page - Kyocera Kinseki Corpotation

部品番号 CX2520SB33000D0PESZZ
部品情報  Crystal Units Surface Mount Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KSS [Kyocera Kinseki Corpotation]
ホームページ  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX2520SB33000D0PESZZ データシート(HTML) 6 Page - Kyocera Kinseki Corpotation

Back Button CX2520SB33000D0PESZZ Datasheet HTML 2Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation CX2520SB33000D0PESZZ Datasheet HTML 10Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pb Free
RoHS Compliant
Features
• Reference frequency
for telecommunication systems
• Reflow compatible
• Using ceramic package resulting
in high reliability
• Small and low profile
Applications
• Mobile Communications, Bluetooth,
Wireless LAN
Dimensions
(Unit : mm)
Recommended Land Pattern
(Unit : mm)
Terminals 2 and 4 need to be
connected to the case.
7.0
2.1
4.55
2.45
2.45
4.90.1
3.10.1
CONNECTION
(TOP VIEW)
0.70.1
1.3
2.3
1.3
0.9
4-R0.2
GND
HOT
HOT
GND
#4
#3
#4
#3
#1
#2
#1
#2
#4
#3
#1
#2
Specifications
How to Order
①Code
②Typical Frequencies
③Load Capacitance
④Frequency Stability
⑤Operating Temperature Range
⑥Frequency Temperature Stability
⑦Special
*Please inquire about frequencies other than the above.
CX5032SB 26000 F0 F L J ZZ
Code
Freq.(kHz)
Code
Freq.(kHz)
12000
12800
13000
14400
16000
12000.000
12800.000
13000.000
14400.000
16000.000
19200
26000
32000
40000
48000
19200.000
26000.000
32000.000
40000.000
48000.000
10pF
1010-6
30°C to 85°C
1510-6
F0
F
L
J
ZZ
Custom Specification
Items
Symbol
Specification
Units
Remarks
f_nom
OT
f_tol
f_tem
R1
DL
CL
T_use
T_stg
9843.75 to 49999
Fundamental
10
15
Table 1
Table 2
10
30 to 85
40 to 85
kHz
––––
10-6
10-6
ohm
W
pF
°C
°C
@ 25°C
ref.@ 25°C Over Operating Temp. Range
50 to 120(MHz)
3rd Overtone
* Please inqurie about specifications other than the above.
Frequency Range
Overtone Order
Frequency Tolerance
Frequency Temp. Characteristics
Motional Series Resistance
Level of Drive
Load Capacitance
Operating Temp. Range
Storage Temp. Range
Frequency Range
Level of Drive
Units
W
9843.75 to 49999kHz
50 to 120(MHz)(3rdO.T)
10 (100 max.)
10 (100 max.)
Table1 Motional Series Resistances
Table2 Level of Drive
Frequency Range
Motional Series Resistance
Units
ohm
150
80
50
40
80
9843.75 to 9999kHz
10000 to 11999kHz
12000 to 25999kHz
26000 to 49999kHz
50 to 120(MHz)
5.0×3.2mm for Mobile Communications, SRWI
Crystal Units
Surface Mount Type CX5032SB (CX-96F)
- 39 -


同様の部品番号 - CX2520SB33000D0PESZZ

メーカー部品番号データシート部品情報
logo
Kyocera Kinseki Corpota...
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
CX2520DB KSS-CX2520DB Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2520DB16000D0GEJZ1 KSS-CX2520DB16000D0GEJZ1 Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
CX2520DB19200D0GEJZ1 KSS-CX2520DB19200D0GEJZ1 Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
CX2520DB24000D0GEJZ1 KSS-CX2520DB24000D0GEJZ1 Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
More results

同様の説明 - CX2520SB33000D0PESZZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CT2016DB KSS-CT2016DB Datasheet
69Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com