データシートサーチシステム |
|
SN74ALS10ADRE4 データシート(PDF) 2 Page - Texas Instruments |
|
SN74ALS10ADRE4 データシート(HTML) 2 Page - Texas Instruments |
2 / 16 page SN54ALS10A, SN54AS10, SN74ALS10A, SN74AS10 TRIPLE 3INPUT POSITIVENAND GATES SDAS002B − MARCH 1984 − REVISED DECEMBER 1994 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: SN54ALS10A −55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74ALS10A 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions SN54ALS10A SN74ALS10A UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8‡ 0.8 V VIL Low-level input voltage 0.7§ V IOH High-level output current − 0.4 − 0.4 mA IOL Low-level output current 4 8 mA TA Operating free-air temperature −55 125 0 70 °C ‡ Applies over temperature range − 55°C to 70°C § Applies over temperature range 70°C to 125°C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54ALS10A SN74ALS10A UNIT PARAMETER TEST CONDITIONS MIN TYP¶ MAX MIN TYP¶ MAX UNIT VIK VCC = 4.5 V, II = −18 mA −1.5 −1.5 V VOH VCC = 4.5 V to 5.5 V, IOH = − 0.4 mA VCC −2 VCC −2 V VOL VCC = 4.5 V IOL = 4 mA 0.25 0.4 0.25 0.4 V VOL VCC = 4.5 V IOL = 8 mA 0.35 0.5 V II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V − 0.1 − 0.1 mA IO# VCC = 5.5 V, VO = 2.25 V −20 −112 −30 −112 mA ICCH VCC = 5.5 V, VI = 0 0.32 0.6 0.32 0.6 mA ICCL VCC = 5.5 V, VI = 4.5 V 1.2 2.2 1.2 2.2 mA ¶ All typical values are at VCC = 5 V, TA = 25°C. # The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. |
同様の部品番号 - SN74ALS10ADRE4 |
|
同様の説明 - SN74ALS10ADRE4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |