データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7854 データシート(PDF) 8 Page - STMicroelectronics

部品番号 TDA7854
部品情報  4 x 47W MOSFET quad bridge power amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7854 データシート(HTML) 8 Page - STMicroelectronics

Back Button TDA7854 Datasheet HTML 4Page - STMicroelectronics TDA7854 Datasheet HTML 5Page - STMicroelectronics TDA7854 Datasheet HTML 6Page - STMicroelectronics TDA7854 Datasheet HTML 7Page - STMicroelectronics TDA7854 Datasheet HTML 8Page - STMicroelectronics TDA7854 Datasheet HTML 9Page - STMicroelectronics TDA7854 Datasheet HTML 10Page - STMicroelectronics TDA7854 Datasheet HTML 11Page - STMicroelectronics TDA7854 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Electrical specifications
TDA7854
8/12
CT
Cross Talk
f = 1KHz PO = 4W
f = 10KHz PO = 4W
60
70
60
-
-
dB
dB
ISB
St-by current consumption
VSt-By = 0
10
μA
Ipin5
St-by pin current
VSt-By = 1.2V to 2.65V
±1
μA
VSB out
St-by out threshold voltage
(Amp: ON)
2.65
V
VSB in
St-by in threshold voltage
(Amp: OFF)
1.2
V
AM
Mute attenuation
POref = 4W
80
90
dB
VM out
Mute out threshold voltage
(Amp: Play)
2.6
V
VM in
Mute in threshold voltage
(Amp: Mute)
1.2
V
VAM in
VS automute threshold
(Amp: Mute)
Att 80dB; POref = 4W
(Amp: Play)
Att < 0.1dB; PO = 0.5W
6.8
7
7.5
8
V
V
Ipin23
Muting pin current
VMUTE = 1.2V
(Sourced current)
712
18
μA
VMUTE = 2.6V
-5
18
μA
CLIPPING DETECTOR
CDLK
Clip Det high leakage current
Cd Off
0
1
μA
CDSAT
Clip Det sat voltage
DC On; ICD = 1mA
0.2
0.4
V
CDTHD
Clip Det THD level
2
%
1.
Saturated square wave output
Table 4.
Electrical characteristics (continued)
(Refer to the test and application diagram, VS = 14.4V; RL = 4
Ω; R
g = 600Ω; f = 1KHz;
Tamb = 25°C; unless otherwise specified).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit


同様の部品番号 - TDA7854

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
   4 x 50 W MOSFET quad bridge power amplifier plus HSD
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
   4 x 50 W MOSFET quad bridge power amplifier plus HSD
TDA7850AH STMICROELECTRONICS-TDA7850AH Datasheet
275Kb / 16P
   4 x 50 W MOSFET quad bridge power amplifier plus HSD
TDA7850H STMICROELECTRONICS-TDA7850H Datasheet
420Kb / 18P
   4 x 50 W MOSFET quad bridge power amplifier plus HSD
TDA7850LV STMICROELECTRONICS-TDA7850LV Datasheet
201Kb / 8P
   4 x 50 W quad bridge amplifier suitable for low voltage car radio systems
October 2010
More results

同様の説明 - TDA7854

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
   4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
   4 x 50 W MOSFET quad bridge power amplifier
September 2021 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
   4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
   4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
   4 x 50 W MOSFET quad bridge power amplifier plus HSD
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
   4 x 50 W MOSFET quad bridge power amplifier plus HSD
TDA7851F STMICROELECTRONICS-TDA7851F Datasheet
446Kb / 18P
   4 48 W MOSFET quad bridge power amplifier
February 2016 Rev 4
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
   4 x 42W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com