データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25W04B1TR データシート(PDF) 11 Page - STMicroelectronics

部品番号 ST25W04B1TR
部品情報  4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25W04B1TR データシート(HTML) 11 Page - STMicroelectronics

Back Button ST25W04B1TR Datasheet HTML 7Page - STMicroelectronics ST25W04B1TR Datasheet HTML 8Page - STMicroelectronics ST25W04B1TR Datasheet HTML 9Page - STMicroelectronics ST25W04B1TR Datasheet HTML 10Page - STMicroelectronics ST25W04B1TR Datasheet HTML 11Page - STMicroelectronics ST25W04B1TR Datasheet HTML 12Page - STMicroelectronics ST25W04B1TR Datasheet HTML 13Page - STMicroelectronics ST25W04B1TR Datasheet HTML 14Page - STMicroelectronics ST25W04B1TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BYTE WRITE
DEV SEL
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01101B
PAGE WRITE
(cont'd)
WC (cont'd)
DATA IN N
ACK
ACK
ACK
R/W
ACK
ACK
ACK
R/W
ACK
ACK
Figure 10. Write Modes Sequence with Write Control = 1 (ST24/25W04)
Read Operations
Read operations are independent of the state of the
MODE pin. On delivery, the memory content is set
at all "1’s" (or FFh).
Current Address Read. The memory has an inter-
nal byte address counter. Each time a byte is read,
this counter is incremented. For the Current Ad-
dress Read mode, following a START condition,
the master sends a memory address with the RW
bit set to ’1’. The memory acknowledges this and
outputs the byte addressed by the internal byte
address counter. This counter is then incremented.
The master does NOT acknowledge the byte out-
put, but terminates the transfer with a STOP con-
dition.
Random Address Read. A dummy write is per-
formed to load the address into the address
counter, see Figure 11. This is followed by another
START condition from the master and the byte
address is repeated with the RW bit set to ’1’. The
memory acknowledges this and outputs the byte
addressed. The master have to NOT acknowledge
the byte output, but terminates the transfer with a
STOP condition.
Sequential Read. This mode can be initiated with
either a Current Address Read or a Random Ad-
dress Read. However, in this case the master
DOES acknowledge the data byte output and the
memory continues to output the next byte in se-
quence. To terminate the stream of bytes, the
master must NOT acknowledge the last byte out-
11/16
ST24/25C04, ST24/25W04


同様の部品番号 - ST25W04B1TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST25W01 STMICROELECTRONICS-ST25W01 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST25W01B1TR STMICROELECTRONICS-ST25W01B1TR Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST25W01B3TR STMICROELECTRONICS-ST25W01B3TR Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST25W01B5TR STMICROELECTRONICS-ST25W01B5TR Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST25W01B6TR STMICROELECTRONICS-ST25W01B6TR Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
More results

同様の説明 - ST25W04B1TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST24C08 STMICROELECTRONICS-ST24C08 Datasheet
125Kb / 16P
   8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
   16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M34S32 STMICROELECTRONICS-M34S32 Datasheet
156Kb / 18P
   32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
   16-Kbit serial I2C bus EEPROM
Rev 11 - October 2020
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
   16 Kbit Serial I2C BUS EEPROM
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16