データシートサーチシステム |
|
AD9223 データシート(PDF) 5 Page - Analog Devices |
|
AD9223 データシート(HTML) 5 Page - Analog Devices |
5 / 32 page REV. E AD9221/AD9223/AD9220 –5– PIN CONFIGURATION 14 13 12 11 17 16 15 20 19 18 10 9 8 1 2 3 4 7 6 5 TOP VIEW (Not to Scale) 28 27 26 25 24 23 22 21 AD9221/ AD9223/ AD9220 CLK AVSS AVDD DVSS DVDD (LSB) BIT 12 BIT 11 BIT 10 CML VINA VINB BIT 9 BIT 8 BIT 7 BIT 6 BIT 5 BIT 4 REFCOM CAPB CAPT BIT 3 BIT 2 (MSB) BIT 1 OTR VREF AVDD AVSS SENSE PIN FUNCTION DESCRIPTIONS Pin Number Mnemonic Description 1 CLK Clock Input Pin 2BIT 12 Least Significant Data Bit (LSB) 3–12 BITS 11–2 Data Output Bit 13 BIT 1 Most Significant Data Bit (MSB) 14 OTR Out of Range 15, 26 AVDD 5 V Analog Supply 16, 25 AVSS Analog Ground 17 SENSE Reference Select 18 VREF Reference I/O 19 REFCOM Reference Common 20 CAPB Noise Reduction Pin 21 CAPT Noise Reduction Pin 22 CML Common-Mode Level (Midsupply) 23 VINA Analog Input Pin (+) 24 VINB Analog Input Pin (–) 27 DVSS Digital Ground 28 DVDD 3 V to 5 V Digital Supply DEFINITIONS OF SPECIFICATIONS Integral Nonlinearity (INL) INL refers to the deviation of each individual code from a line drawn from “negative full scale” through “positive full scale.” The point used as negative full scale occurs 1/2 LSB before the first code transition. Positive full scale is defined as a level 1 1/2 LSB beyond the last code transition. The deviation is measured from the middle of each particular code to the true straight line. Differential Nonlinearity (DNL, No Missing Codes) An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value. Guaranteed no missing codes to 12-bit resolution indicates that all 4096 codes, respectively, must be present over all operating ranges. Zero Error The major carry transition should occur for an analog value 1/2 LSB below VINA = VINB. Zero error is defined as the devia- tion of the actual transition from that point. Gain Error The first code transition should occur at an analog value 1/2 LSB above negative full scale. The last transition should occur at an analog value 1 1/2 LSB below the nominal full scale. Gain error is the deviation of the actual difference between first and last code transitions and the ideal difference between first and last code transitions. Temperature Drift The temperature drift for zero error and gain error specifies the maximum change from the initial (25 °C) value to the value at TMIN or TMAX. Power Supply Rejection The specification shows the maximum change in full scale from the value with the supply at the minimum limit to the value with the supply at its maximum limit. Aperture Jitter Aperture jitter is the variation in aperture delay for successive samples and is manifested as noise on the input to the A/D. Aperture Delay Aperture delay is a measure of the sample-and-hold amplifier (SHA) performance and is measured from the rising edge of the clock input to when the input signal is held for conversion. Signal-to-Noise and Distortion (S/N+D, SINAD) Ratio S/N+D is the ratio of the rms value of the measured input signal to the rms sum of all other spectral components below the Nyquist frequency, including harmonics but excluding dc. The value for S/N+D is expressed in decibels. Effective Number of Bits (ENOB) For a sine wave, SINAD can be expressed in terms of the num- ber of bits. Using the following formula, N SINAD = () –. / . 176 6 02 it is possible to get a measure of performance expressed as N, the effective number of bits. Thus, effective number of bits for a device for sine wave inputs at a given input frequency can be calculated directly from its measured SINAD. Total Harmonic Distortion (THD) THD is the ratio of the rms sum of the first six harmonic com- ponents to the rms value of the measured input signal and is expressed as a percentage or in decibels. Signal-to-Noise Ratio (SNR) SNR is the ratio of the rms value of the measured input signal to the rms sum of all other spectral components below the Nyquist frequency, excluding the first six harmonics and dc. The value for SNR is expressed in decibels. Spurious Free Dynamic Range (SFDR) SFDR is the difference in dB between the rms amplitude of the input signal and the peak spurious signal. |
同様の部品番号 - AD9223 |
|
同様の説明 - AD9223 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |