データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD175A データシート(PDF) 1 Page - Topstek Inc.

部品番号 TD175A
部品情報  Topstek Current Transducers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOPSTEK [Topstek Inc.]
ホームページ  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TD175A データシート(HTML) 1 Page - Topstek Inc.

  TD175A Datasheet HTML 1Page - Topstek Inc. TD175A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducers TD25A .. TD400A
- 22 -
www.topstek.com
TD
V080201
7/1/2008
TD 25A~400A
Features
iHighly reliable Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (12 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and
humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol Unit
TD
25A
TD
50A
TD
75A
TD
100A
TD
125A
TD
150A
TD
175A
TD
200A
TD
250A
TD
300A
TD
350A
TD
400A
Nominal Input Current
Ifn
A DC
25
50
75
100
125
150
175
200
250
300
350
400
Linear Range
Ifs
A DC
±75 ±150 ±225 ±300 ±375 ±450 ±525 ±525 ±550 ±550 ±550 ±600
Nominal Output Voltage
Vhn
V
4 V±1% at If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±35 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100(50 nominal)
Hysteresis Error
Voh
mV
Within ±35 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
Linearity
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±12 mA nominal, ±15 mA max
Response Time (90%Vhn)
Tr
Psec
7
Psec max. @ d If /dt = Ifn / Psec
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.05 %/°C @ Ifn
Thermal Drift of
Zero Current Offset
-
mV/°C
Within
±1.5 mV/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
28 g


同様の部品番号 - TD175A

メーカー部品番号データシート部品情報
logo
eupec GmbH
TD170N EUPEC-TD170N Datasheet
420Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
TECHCODE SEMICONDUCTOR,...
TD1720 TECHCODE-TD1720 Datasheet
1Mb / 20P
   Single Buck Voltage Mode PWM Controller
TD1722 TECHCODE-TD1722 Datasheet
887Kb / 19P
   Single Buck Voltage Mode PWM Controller
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1729 TECHCODE-TD1729 Datasheet
804Kb / 17P
   High-Performance PWM Controller
More results

同様の説明 - TD175A

メーカー部品番号データシート部品情報
logo
Topstek Inc.
TESN50A TOPSTEK-TESN50A Datasheet
103Kb / 2P
   Topstek Current Transducers
TP25A TOPSTEK-TP25A Datasheet
106Kb / 2P
   Topstek Current Transducers
TW25A TOPSTEK-TW25A Datasheet
122Kb / 2P
   Topstek Current Transducers
TEGA40A TOPSTEK-TEGA40A Datasheet
102Kb / 2P
   Topstek Current Transducers
TPH25A TOPSTEK-TPH25A Datasheet
154Kb / 2P
   Topstek Current Transducers
TPW25A TOPSTEK-TPW25A Datasheet
158Kb / 2P
   Topstek Current Transducers
TN40A TOPSTEK-TN40A Datasheet
112Kb / 2P
   Topstek Current Transducers
TES50A TOPSTEK-TES50A Datasheet
105Kb / 2P
   Topstek Current Transducers
TE50A TOPSTEK-TE50A Datasheet
105Kb / 2P
   Topstek Current Transducers
logo
DIWELL Electronics Co.,...
TESN35A DIWELL-TESN35A Datasheet
430Kb / 3P
   Topstek Current Transducers TESN35A
10/11/2011
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com