データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSF15 データシート(PDF) 1 Page - TAITRON Components Incorporated

部品番号 TSF15
部品情報  1.0A Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSF15 データシート(HTML) 1 Page - TAITRON Components Incorporated

  TSF15 Datasheet HTML 1Page - TAITRON Components Incorporated TSF15 Datasheet HTML 2Page - TAITRON Components Incorporated TSF15 Datasheet HTML 3Page - TAITRON Components Incorporated TSF15 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
TSF11 – TSF16
1.0A Super Fast
Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
1.0A Super Fast Recovery Rectifier
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• High temperature soldering guaranteed 250°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
DO-41, molded plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
0.34 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
TSF11
TSF12
TSF13
TSF14
TSF15
TSF16
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
150
200
300
400
V
VRMS
Maximum RMS Voltage
35
70
105
140
210
280
V
VDC
Maximum DC Blocking
Voltage
50
100
150
200
300
400
V
IAV
Maximum Average
Forward Rectified
Current
1.0
A
Ta=55 ˚C
IFSM
Peak Forward Surge
Current
30
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
DO-41


同様の部品番号 - TSF15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TSF15 ETC1-TSF15 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Token Electronics Indus...
TSF1542D50-S9 TOKEN-TSF1542D50-S9 Datasheet
476Kb / 14P
   Front End Filters
TSF1575D42A-S9 TOKEN-TSF1575D42A-S9 Datasheet
476Kb / 14P
   Front End Filters
TSF1575D42B-S6 TOKEN-TSF1575D42B-S6 Datasheet
476Kb / 14P
   Front End Filters
logo
Taiwan Semiconductor Co...
TSF15L60CW TSC-TSF15L60CW Datasheet
346Kb / 4P
   15A, 60V Trench Schottky Rectifier
More results

同様の説明 - TSF15

メーカー部品番号データシート部品情報
logo
YENYO TECHNOLOGY Co., L...
FS1AF YENYO-FS1AF Datasheet
281Kb / 3P
   1.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
BYV26D ZSELEC-BYV26D Datasheet
84Kb / 2P
   1.0A SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
FS1000FL YENYO-FS1000FL Datasheet
212Kb / 2P
   1.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
BYV26A ZSELEC-BYV26A Datasheet
93Kb / 2P
   1.0A SUPER FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
SF11 DIODES-SF11 Datasheet
58Kb / 2P
   1.0A SUPER-FAST RECOVERY RECTIFIER
DS24001 Rev. D1-3
MUR140 DIODES-MUR140 Datasheet
64Kb / 2P
   1.0A SUPER-FAST RECTIFIER
DS30112 Rev. B-2
MUR140 DIODES-MUR140_15 Datasheet
91Kb / 3P
   1.0A SUPER-FAST RECTIFIER
FR106 DIODES-FR106 Datasheet
58Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
Torex Semiconductor
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
   1.0A Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com