データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5238B データシート(PDF) 4 Page - TAITRON Components Incorporated

部品番号 1N5238B
部品情報  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N5238B データシート(HTML) 4 Page - TAITRON Components Incorporated

  1N5238B Datasheet HTML 1Page - TAITRON Components Incorporated 1N5238B Datasheet HTML 2Page - TAITRON Components Incorporated 1N5238B Datasheet HTML 3Page - TAITRON Components Incorporated 1N5238B Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Zener Diodes
1N5221B~1N5261B
Vz (V)
Fig.2 BREAKDOWN CHARACTERISTICS
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 247-2232 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001
BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931
Rev. A/WW
www.taitroncomponents.com
Page 4 of 4


同様の部品番号 - 1N5238B

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N5238B VISHAY-1N5238B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5238B VISHAY-1N5238B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5238B MCC-1N5238B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5238B VISHAY-1N5238B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Tak Cheong Electronics ...
1N5238B TAK_CHEONG-1N5238B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

同様の説明 - 1N5238B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com