データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5370B データシート(PDF) 1 Page - TAITRON Components Incorporated

部品番号 1N5370B
部品情報  5.0W Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N5370B データシート(HTML) 1 Page - TAITRON Components Incorporated

  1N5370B Datasheet HTML 1Page - TAITRON Components Incorporated 1N5370B Datasheet HTML 2Page - TAITRON Components Incorporated 1N5370B Datasheet HTML 3Page - TAITRON Components Incorporated 1N5370B Datasheet HTML 4Page - TAITRON Components Incorporated 1N5370B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/AH 2007-11-27
1N5333B – 1N5388B
5.0W Zener Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 5
5.0W Zener Diodes
Features
• Glass passivated junction
• Complete voltage range 3.3 to 200V
• High peak reverse power dissipation
• High reliability
• Low leakage current
• RoHS Compliant
Mechanical Data
Case:
Molded plastic black body,1.5KE
Epoxy:
Plastic package has UL flammability 94V-0
Lead:
Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.045 ounce, 1.2 grams
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
PD
Power Dissipation
5.0
W
TA=75 °C
PZSM
Non Repetitive Peak Zener Dissipation (t=8.3ms)
180
W
VF
Max. Forward Voltage Drop
1.2
V
IF=3.0A
Rthj-a
Max. Thermal Resistance at: 10mm Lead Length
20
° C/W
TJ,TSTG
Operating Junction and Storage
Temperature Range
-55 to 175
° C
1.5KE


同様の部品番号 - 1N5370B

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
1N5370B NJSEMI-1N5370B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Motorola, Inc
1N5370B MOTOROLA-1N5370B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotec Semiconductor
1N5370B DIOTEC-1N5370B Datasheet
131Kb / 2P
   Zener Diodes
logo
Semikron International
1N5370B SEMIKRON-1N5370B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
New Jersey Semi-Conduct...
1N5370B NJSEMI-1N5370B Datasheet
168Kb / 1P
   DIODE
More results

同様の説明 - 1N5370B

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
Z5SMB5333B TAITRON-Z5SMB5333B Datasheet
199Kb / 5P
   5.0W Surface Mount Zener Diodes
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com