データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54A データシート(PDF) 6 Page - TAITRON Components Incorporated

部品番号 BAT54A
部品情報  Multiple Terminals SMD Schottky Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAT54A データシート(HTML) 6 Page - TAITRON Components Incorporated

  BAT54A Datasheet HTML 1Page - TAITRON Components Incorporated BAT54A Datasheet HTML 2Page - TAITRON Components Incorporated BAT54A Datasheet HTML 3Page - TAITRON Components Incorporated BAT54A Datasheet HTML 4Page - TAITRON Components Incorporated BAT54A Datasheet HTML 5Page - TAITRON Components Incorporated BAT54A Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Multiple Terminals SMD Schottky Diodes
Rev. A/AH 2008-03-14
BAT54/A/C/S
www.taitroncomponents.com
Page 6 of 6
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970
MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


同様の部品番号 - BAT54A

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAT54A PANJIT-BAT54A Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Sangdest Microelectroni...
BAT54A SMC-BAT54A Datasheet
221Kb / 5P
   Negligible switching losses
logo
Shanghai Lunsure Electr...
BAT54A CHENYI-BAT54A Datasheet
72Kb / 3P
   250mWatt, 30volt schottky barrier diode
logo
Comchip Technology
BAT54A COMCHIP-BAT54A Datasheet
102Kb / 2P
   Surface Mount Schottky Diode
logo
Shanghai Yint Electroni...
BAT54A YINT-BAT54A Datasheet
389Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

同様の説明 - BAT54A

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
BAV70WS TAITRON-BAV70WS Datasheet
307Kb / 4P
   Multiple Terminals SMD Switching Diodes
TZGC2V4TWS TAITRON-TZGC2V4TWS Datasheet
376Kb / 4P
   200mW Multiple Terminals SMD Zener Diodes
TWG4148T-16WS TAITRON-TWG4148T-16WS Datasheet
179Kb / 4P
   MULTIPLE TERMINALS SMD SWITCHING DIODE
BAS16TWS TAITRON-BAS16TWS Datasheet
278Kb / 4P
   Multiple Terminals SMD Switching Diode
BAV99DWS TAITRON-BAV99DWS Datasheet
279Kb / 4P
   Multiple Terminals SMD Switching Diode
BAV70DWS TAITRON-BAV70DWS Datasheet
279Kb / 4P
   Multiple Terminals SMD Switching Diode
BAW56DWS TAITRON-BAW56DWS Datasheet
279Kb / 4P
   Multiple Terminals SMD Switching Diode
MMBD3004BRM TAITRON-MMBD3004BRM Datasheet
258Kb / 4P
   Multiple Terminals SMD Switching Diode
logo
List of Unclassifed Man...
TWG4148T-16WS ETC2-TWG4148T-16WS Datasheet
179Kb / 4P
   MULTIPLE TERMINALS SMD SWITCHING DIODE
logo
TAITRON Components Inco...
MMBD3004A TAITRON-MMBD3004A Datasheet
252Kb / 6P
   Three Terminals SMD Switching Diodes
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com